Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 40 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 40 Page - ams AG

Back Button AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG AS3977 Datasheet HTML 42Page - ams AG AS3977 Datasheet HTML 43Page - ams AG AS3977 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
40 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
868/915 MHz
868/915 MHz
L4
8.2 nH
Toko-LL1608-FS
L4
8.2 nH
Toko-LL1608-FS
L2
8.2 nH
Toko-LL1608-FS
L2
8.2 nH
Toko-LL1608-FS
C3
10 pF
Murata-GRM1885C1H100JA01
C3
10 pF
Murata-GRM1885C1H100JA01
C2
1.0 pF
Murata-GRM1885C1H1R0CZ01
C2
1.0 pF
Murata-GRM1885C1H1R0CZ01
L1
10 nH
Murata-LQW18AN10NG00
L1
10 nH
Murata-LQW18AN10NG00
C1
2.2 pF
Murata-GRM1885C1H2R2CZ01
C1
2.2 pF
Murata-GRM1885C1H2R2CZ01
Table 25. Part List of the Reference Design Components
Supply voltage 2V regulated
Source is VREGRF (pin 16)
Supply voltage 3V
Source is Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com