Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 7 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 7 Page - ams AG

Back Button AS3977 Datasheet HTML 3Page - ams AG AS3977 Datasheet HTML 4Page - ams AG AS3977 Datasheet HTML 5Page - ams AG AS3977 Datasheet HTML 6Page - ams AG AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG AS3977 Datasheet HTML 10Page - ams AG AS3977 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
7 - 47
AS3977
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” (see Table 3) is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Positive supply voltage (VSUP)
-0.5
5.0
V
Voltage on all supply Pins VCCPA,VCCPLL,VDD
Negative supply voltage (GND, VSS)0
0
V
Input current (latch-up immunity) (ISCR)
-40
40
mA
Norm: Jedec 17
ESD for Digital Pins
ESDDHBM
±4
kV
Norm MIL 883 E method 3015
(Human Body Model)
ESDDMM
±200
V
Norm: EIJA IC-121
(Machine Model)
ESD for Analog Pins
ESDAHBM
±1.5
kV
Norm MIL 883 E method 3015
(Human Body Model)
ESDAMM
±100
V
Norm: EIJA IC-121
(Machine Model)
ESD for RF Pins
ESDRFHBM
±1.5
kV
Norm MIL 883 E method 3015
(Human Body Model)
ESDRFMM
±100
V
Norm: EIJA IC-121
(Machine Model)
Total power dissipation
(all supplies and outputs)
200
mW
Storage temperature, (TSTRG)
-55
125
ºC
Package body temperature (TBODY)
260
ºC
Norm: IPC/JEDEC J-STD-020C.
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020C “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com