Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 14 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 14 Page - ams AG

Back Button AS3977 Datasheet HTML 10Page - ams AG AS3977 Datasheet HTML 11Page - ams AG AS3977 Datasheet HTML 12Page - ams AG AS3977 Datasheet HTML 13Page - ams AG AS3977 Datasheet HTML 14Page - ams AG AS3977 Datasheet HTML 15Page - ams AG AS3977 Datasheet HTML 16Page - ams AG AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
14 - 47
AS3977
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
ITX4dBm86
8
Transmit Mode @ 4dBm output
power,
868 MHz and 906MHz band @
50
Ω including matching
network, strong AB operation
VSUP=3V @ 25ºC
without the use of
the internal
regulator
14.5
17.5
mA
VSUP=2.0…3.6V,
TAMB=-40…85ºC
16.5
19.0
mA
VSUP=3V @ 25ºC
with the use of the
internal regulator
15.0
18.0
mA
VSUP=2.2…3.6V,
TAMB=-40…85ºC
17.0
19.5
mA
1. Power line matching needs to be adjusted to VDD to ensure strong AB operation mode
Table 17. DC/AC Characteristics for Digital Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS Input
VIH
High Level Input Voltage
0.7 *
VSUP
VSUP +
0.1
V
VIL
Low Level Input Voltage
VGND -0.1
0.3 * VSUP
V
IIL
Low Level Input Leakage Current
no internal pull up/down
±1
µA
IIH
High Level Input Leakage Current
no internal pull up/down
±1
µA
IIHPD
High Level Input Leakage Current with
internal pull down
VSUP=3.6V, VIN=3.6V
15
60
µA
CMOS Output
Note:
The following specification is valid for the DATAIO standard CMOS output. The MCCLK output can be programmed to different driver
strengths according MCCDS register.
VOH
High level output voltage
VSUP=3V, at nominal high level output
current
VSUP-0.5
V
VOL
Low level output voltage
VSUP=3V, at nominal low level output
current
VSS+0.4
V
CL
Capacitive load
20
pF
tR
Rise time
50
ns
tF
Fall time
50
ns
IOH
High level output current
1mA
IOL
Low level output current
1mA
Table 16. Current Consumption
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com