Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 27 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 27 Page - ams AG

Back Button AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
27 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.4 ENABLE Signal Functionality
Figure 21 summarizes the function of ENABLE in combination with the SDI state and the logical level of CLK and DATAIO.
Table 21. ENABLE Signal Functionality
State
ENABLE
CLK
DATAIO
Description
Power Down Mode
↑
XX
resets the SDI and state machine
activates the crystal oscillator (PD is set to low)
sets the lock transmit bit
0
X
indicates data are sampled at the falling edge of CLK
1
X
indicates data are sampled at the rising edge of CLK
X0
activates MCCLK, fMCCLK=fXOSC/16
X
1
MCCLK configuration is unchanged
All
↑
XX
resets the Power Down Timer
resets the SDI Interface
(re-)enters the Active state
Active, Transmit
↓
XX
activates the Power Down Timer; after 2
16 crystal clock
cycles the IC reaches the Power Down Mode
Active, Transmit
X
X
indicates the end of Read/Write
(duration: min > 1 SDI CLK cycle, max: < 1/fcrystal * 2
16)
All
0
X
X
disables CLK and DATAIO
sets DATAIO to high impedance
Transmit
↓
XX
switches off the PA (if enabled)
latches DATAIO (if enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com