Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 26 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 26 Page - ams AG

Back Button AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
26 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Software Power Down Method.
Lock Transmit Bit. When the Power Down Mode is left, the lock transmit bit (LT) is set high. The power amplifier can not be switched on as
long as the bit is set to high.
9.3.2 Active Edge of CLK
When the Power Down Mode is left, the level of CLK at the rising edge of ENABLE determines the active edge of CLK (CLK polarity). Once the
CLK polarity is set, it stays unchanged until the next Power Down Mode is re-entered.
9.3.3 Active State
The Active state is entered at the rising edge of ENABLE, which as well resets the Power Down timer. Possible previous states are Power Down
Mode, Transmit state. DATAIO is set to SDI data input and the Interface expects a command control byte to configure the state-machine. The
SDI state can be left by programming another state or by setting ENABLE low for more than 2
16 XTAL cycles (Power Down timer).
9.3.4 Transmit State
The state is entered upon command. The transmit command byte defines in combination with the configuration registers the transmit
configuration. The power amplifier (PA) will be activated on the subsequent sampling edge of CLK after receiving the command byte only if the
lock transmit bit has been reset (0) by a previous SDI command. Here (only here) the baud rate and data generator counters are reset, i.e. if
Transmit was interrupted by a SDI communication and is re-entered again (with active PA), the baud rate generator is kept synchronized with the
previous transmitted string. DATAIO is set to TX data input. If during transmit a low power reset (LPR) occurs, the lock transmit bit is set high and
hence the power amplifier is switched off.
The state can be left at the falling edge of ENABLE, or increasing the Supply Voltage above the threshold and setting the register bit (LT) to zero.
The control of the power amplifier is determined by the command byte (bit A4 and A5).
Step
Software Power Down Method
1
Set power Down Bit =1 and put ENABLE to LOW level
2
Power on reset complete with next xtal cycle
State
ENABLE
LT
Description
Power Down Mode
↑
1
LT is set to High
All other states
↑
LT-1
LT is unchanged except the Supply
voltage drops down below the
threshold level
State
ENABLE
CLK
Description
Power Down Mode
↑
0
DATAIO is sampled at the falling edge of CLK
Power Down Mode
↑
1
DATAIO is sampled at the rising edge of CLK
All other states
↑
X
CLK behavior is unchanged
Table 20. PA Control Modes
State
LT
A4
A5
ENABLE
Description
All States
1
X
X
X
PAON low
Transmit
0
X
X
1
PAON high on the subsequent sampling edge of CLK after
receiving the command byte
Transmit
0
0
0
↓
PAON low at the falling edge of ENABLE
Transmit
0
0
1
↓
PAON low at the falling edge of ENABLE but synchronized with
baud rate, DATAIO is latched
Transmit
0
1
X
↓
PAON stays high, DATAIO is latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com