Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 35 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 35 Page - ams AG

Back Button AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
35 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.8.1 Implementation
Starting from the equation,
(EQ 10)
The equation now rewritten by taking configuration registers and implementation details into account:
(EQ 11)
Reference frequency fREF (DIVR<2:0>)
The reference frequency fREF is determined by the crystal frequency fXTAL and the reference divider division ratio setting DIVR<2:0> and can be
calculated with the help of:
(EQ 12)
The value of fREF should be in the range of 3 MHz to 5, 75 MHz to achieve an optimum on noise performance and current consumption
DIVR < 2:0 > =
(EQ 13)
9.8.1.1 M-counter and Value of INT<9>
The value of the M-counter is given by:
M = (INT < 9 > +4)
(EQ 14)
The Bit INT<9> can be calculated as,
INT < 9 > = M - 4
9.8.1.2 N-counter and Value of INT<3:0>
N = (INT < 3:0 > +INT < 8 > .6+10)
(EQ 15)
Taken the default value of INT<8>=0 into account, the value of the INT3<..0> can be calculated by:
INT < 3:0 > = N-10
9.8.1.3 A- Counter and Value of INT<7:4>
AC = INT < 7:4 > +1 +(INT <8> +1) x 3
(EQ 16)
Taken the default value of INT<8>=0 into account, the value of the INT<7:40> can be calculated by:
INT < 7:4 > = AC-1
9.8.1.4 Fractional Part and Values of FRAC<15:0>
(EQ 17)
Taken the default value of INT<8>=0 into account, multiplying the Fractional part with 2
16 gives the register values for the Fractional and
synthesizer value and can be calculated by:
FRAC < 15:0 >= DRFRAC x 2
16
f
RF
Pf
REF
M N
AC
FRAC
++
⋅
()
⋅⋅
=
()(
)
(
)
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
>
<
+
+
>
<
+
+
>
<
+
+
⋅
>
<
+
>
<
+
>
<
+
>
<
=
16
2
0
:
15
FRAC
3
1
8
INT
1
4
:
7
INT
10
6
8
INT
0
:
3
INT
4
9
INT
2
0
:
2
DIVR
XTAL
RF
f
P
f
2
0
:
2
DIVR
+
>
<
=
XTAL
REF
f
f
f
XTAL
f
REF
------------
2
–
()
⎟
⎠
⎞
⎜
⎝
⎛
>
<
+
>
<
=
16
2
0
:
15
FRAC
1
8
INT
FRAC
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com