Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 32 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 32 Page - ams AG

Back Button AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
32 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
K<15:11>
PREOP2
<4:0>
application dependent
Preamplifier power level setting 2
0 (00000): power off
0 (00001): minimum power
:
31 (11111): maximum power
L<0>
L<7:1>
FSK2
0
Modulation type selection 2
0: FSK
1: reserved for test purposes only
-
0000000
reserved Bits: set to Binary 0000000 for normal mode
of operation
Baud Rate Generator, Data Generator and Digital Test Multiplexer section
L<9:8>
MCCS
<1:0>
11
Micro controller clock output
0 (00): reserved
1 (01): reserved
2 (10): Micro controller clock is on during transmit
(MCCLK is output)
3 (11): Micro controller clock is always on (MCCLK is
output)
L<12:10>
MCCDS
<2:0>
application dependent
Clock output driver driving strength setting
0 (000): 4mA (maximum) driving strength
…
7 (111): 1mA (minimum) driving strength
L<14:13>
CLKS<1:0>
application dependent
MCCLK source selection
0 (00): MCCLK connected to pre scaler output
1 (01): MCCLK connected to baud rate generator
output
2 (10): MCCLK connected to baud rate generator
output but inverted
3 (11): not used
L<15>
PSC<2:0>
application dependent
Micro controller clock pre scaler division ratio
fOUT=2
-PSC<2:0>*f
IN
M<1:0>
M<9:2>
TCV<7:0>
application dependent
Baud rate generator counter value
M<11:10>
ASC<1:0>
application dependent
Baud rate generator after scaler division ratio
fOUT=2
-ASC<1:0>*f
IN
M<15:12>
reserved
0010
reserved Bits: set to Binary 0010 for normal mode of
operation
Temperature Sensor section
N<0>
TSON
0
0: Temperature sensor off
1: Temperature sensor on
N<1>
TSNRST
1
Reset of temperature sensor, active=low
N<7:2>
-
0000000
reserved Bits: set to Binary 0000000 for normal mode
of operation
Power Down Control (see Power On Reset on page 22)
N<8>
SETPD
0
Set power down, active=high (see Power On Reset on
page 22)
Table 23. Configuration Registers Description
Register
Name
Default Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com