Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 17 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 17 Page - ams AG

Back Button AS3977 Datasheet HTML 13Page - ams AG AS3977 Datasheet HTML 14Page - ams AG AS3977 Datasheet HTML 15Page - ams AG AS3977 Datasheet HTML 16Page - ams AG AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
17 - 47
AS3977
Data Sheet - D e t a i l e d S y s t e m D e s c r i p t i o n
8 Detailed System Description
The AS3977 is based on a fully integrated sigma-delta controlled fractional-N synthesizer phase locked loop (PLL) and a power amplifier (PA). A
reference frequency generator including a crystal oscillator provides the comparison frequency of the PLL and a high-precision clock output. A
programmable Gaussian filter enables to minimize the occupied bandwidth and adjacent channel power. A temperature sensor with digital read-
out is included that allows compensation of the crystal frequency drift due to temperature variation. An on-chip low drop out regulator (LDO) is
available in case an accurate output power independent of supply voltage variation is required. A second LDO for the digital supply voltage helps
to minimize interference between the analog and digital part and decreases the current consumption of the digital part. A PROM enables the
compensation of process variation. The AS3977 is controlled by an external microcontroller via a bi-directional serial digital interface (SDI).
8.1 Reference Frequency Generator
The reference frequency generator consists of a crystal oscillator and frequency divider. The crystal oscillator can be driven externally in case an
external clock frequency is supplied.
8.2 Phase Locked Loop
The PLL is of standard charge pump type. The phase frequency detector is designed such that dead zone problems are avoided. The charge
pump current is programmable. All loop filter components are on-chip, the bandwidth is programmable through the charge pump current. The
differential based voltage controlled oscillator (VCO) has integrated inductors and varactors. The VCO operates at a center frequency around
1.8GHz. To cover the specified frequency range over process variation, the sufficiently wide overall tuning range is split into 16 overlapping
frequency bands. At start up of the PLL, an automatic range select circuit (ARS) selects the proper frequency band. The VCO output frequency
is divided by 2, 4, and 6, which enables to cover output frequencies in the range of 850 – 928 MHZ, 425 – 450 MHz and 300 – 320 MHz,
respectively. A lock detector enables to monitor the PLL lock status.
8.3 Gaussian Filter and Digital Modulator
The programmable sigma-delta modulator controls the output frequency of the PLL. The order of the modulator is programmable (MASH2 or
MASH3). In combination with the programmable Gaussian filter for the data signal, the modulator performs the FSK modulation with
programmable deviation, whereby the Gaussian Filter enables to minimize the occupied bandwidth and the adjacent channel power.
8.4 Power Amplifier
The power amplifier is single ended and consists of a preamplifier and an output stage, both with open collector. The necessary external chokes
can be connected to a LDO in case an accurate output power independent of supply voltage variation is required. The output power is
programmable up to 10dBm.
8.5 Temperature Sensor
The AS3977 includes a temperature sensor to measure the absolute temperature inside the chip. The analog value is converted to a digital value
and can then be read out by the microcontroller in order to control the output frequency and/or the transmission power. The value of the chip
temperature in degree can be obtained using following formula:
Temperature = TS < 9…0 > * 0.19 – 50
(EQ 1)
The temperature sensor can be used to compensate the crystal drift over temperature.
Note:
AS3977 has the same temperature than the crystal only at start up and the temperature will increase immediately thereafter due to self
heating.
Temperature sensor must be used only in the Clock Enable Mode as a stand alone block. It is mandatory to be used with the PLL and Power
Amplifier switched off.
8.6 Low Power Reset
The low power reset (LPR) disables the power amplifier, if the supply voltage falls below the low power threshold.
8.7 Low Drop Out Regulators
In order to avoid stability issues, external capacitors are required. (see Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com