Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 44 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 44 Page - ams AG

Back Button AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG AS3977 Datasheet HTML 42Page - ams AG AS3977 Datasheet HTML 43Page - ams AG AS3977 Datasheet HTML 44Page - ams AG AS3977 Datasheet HTML 45Page - ams AG AS3977 Datasheet HTML 46Page - ams AG AS3977 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
44 - 47
AS3977
Data Sheet - P a c k age Drawings a nd M a rkings
11 Package Drawings and Markings
The device is available in a 16-Lead QFN (4x4mm) package.
Figure 20. Package Drawings
Table 26. Package Dimensions
Symbol
mm
Pitch E
0.65
Pad X1
0.35
Pad Y1
0.9
Pad Space C1
3.9
Pad space C2
3.9
Tab pad X2
2.4
Tab pad Y2
2.4
Courtyard V1
5.3
Courtyard V2
5.3
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
2,30
2,50
0,25
0,35
2,30
2,50
0,65
BSC
0,40
0,60
4,0
4,0
PIN 1 indicator
4X 4mm
QFN 16
QFN 16
(4 x 4 mm)
Bottom View
0,75
0,95
Side View
Top View
Top View
PIN 1 indicator
Land pattern recommendation for JEDEC MO-220 VGGC
5
6
7
8
1
2
3
4
12
11
10
9
13
14
15
16
X1
Y1
E
Exposed paddle
X2
Y2
C1
5
6
7
8
1
2
3
4
12
11
10
9
13
14
15
16
Exposed paddle
V1
V2
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com