Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 18 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 18 Page - ams AG

Back Button AS3977 Datasheet HTML 14Page - ams AG AS3977 Datasheet HTML 15Page - ams AG AS3977 Datasheet HTML 16Page - ams AG AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
18 - 47
AS3977
Data Sheet - D e t a i l e d S y s t e m D e s c r i p t i o n
8.8 SDI / Control Interface
This interface enables a serial and synchronous communication between external microcontroller and AS3977. Data can be written to and read
out from AS3977. Additionally, it facilitates the transmission of TX-data. The rising edge on the SDI enable signal (transition to the active state),
while the device is in Power Down Mode has various effects on the circuit:
- It wakes up the crystal oscillator (this takes maximum 1.5 ms with the specified Crystal parameters)
- It sets the transfer and sampling edge of the AS3977 SDI data signal.
- It activates the Micro Controller clock output depending on the register setting and the value of the data signal.
Thus, the wakeup event through the SDI interface determines the basic communication between AS3977 and the microcontroller. In addition it
takes some time to have a stable crystal oscillator clock available. Therefore all functions that require a stable crystal oscillator clock are not
immediately available after the wakeup.
8.9 Baud Rate Generator
This module generates two clocks; one used for the microcontroller (MCCLK) and one as baud rate clock with 50% duty cycle. The baud rate
clock is used by the microcontroller to properly synchronize the provided data during transmission with the internal Manchester coder.
The baud rate generator maintains the behavior of MCCLK and keeps it properly synchronized to the TX data clock. For example, a missing
synchronization can occur when clock settings are changed by an asynchronous event like SDI programming or when a new transmission starts.
The Baud rate generator offers different types of data outputs: one fully asynchronous, one synchronous and one synchronous but Manchester
coded. By means of AS3977 command control Byte, any of the three different output data types can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com