Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 23 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 23 Page - ams AG

Back Button AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
23 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 9. Writing of Data with Auto-Incrementing Address
9.2.4 Reading of Data from Addressable Registers
By leaving the Power Down Mode through a rising edge of ENABLE, the level of CLK determines the sampling edge of CLK. If CLK is low, DATAI
is sampled at the falling edge of CLK (see Figure 10 and Figure 11), if CLK is high when ENABLE rises, DATAI is sampled at the rising edge of
CLK. Consequently, data to be read from the microcontroller are driven by the slave (AS3977) at the transfer edge and sampled by the master
(µC) at the sampling edge of CLK. An Enable LOW pulse has to be performed after register data has been transferred in order to indicate the
end of the READ command and prepare the Interface to the next command control Byte.
The command control Byte for a read command consists of a command code and an address. The Command code has to be provided from least
significant bit (LSB) to most significant bit (MSB), e.g. for a read it is <C0, C1> = “01”. After the command code, the address of register to be read
has to be provided from the MSB to the LSB. Then one or more data bytes can be transferred from the SDI slave to the master, always from the
MSB to the LSB. To transfer bytes from consecutive addresses, SDI master has to keep the SDI enable signal high and the SDI clock has to be
active as long as data need to be read from the slave.
Each bit of the command and address sections of the frame have to be driven by the SDI master on the SDI clock transfer edge and the SDI
slave samples it on the next SDI clock edge. Each bit of the data section of the frame has to be driven by the SDI slave on the SDI clock transfer
edge and the SDI master on the next SDI clock edge samples it. These edges are selected on the first access after PD and they cannot be
changed until next PD.
If the read access is interrupted (by de-asserting the SDI enable signal), data provided to the master is consistent to given address, but it is only
the register content from MSB to LSB. If more SDI clock cycles are provided, data remains consistent and each data byte belongs to given or
incremented address.
In the following figures (Figure 10 and Figure 11), two examples for a read command (without and with address self-increment) are given. The
initialization base for this timing diagram is a “LOW” on the CLK line during Initialization.
0
0
DATAIO
CLK
ENABLE
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
5
A
4
A
3
A
2
A
1
A
0
Data D7-D0 is
moved to
Address
A5-A0+4 here
Data D7-D0 is
moved to
Address A5-
A0 here
Data D7-D0 is
moved to
Address
A5-A0+1 here
Data D7-D0 is
moved to
Address
A5-A0+2
here
Data D7-D0 is
moved to
Address
A5-A0+3 here
Enable must be high
in order to keep the
power condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com