Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 39 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 39 Page - ams AG

Back Button AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG AS3977 Datasheet HTML 42Page - ams AG AS3977 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
39 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 13. Schematic
Table 25. Part List of the Reference Design Components
Supply voltage 2V regulated
Source is VREGRF (pin 16)
Supply voltage 3V
Source is Power Supply
315 MHz
315 MHz
Component
Value
Type
Compone
nt
Value
Type
L4
47 nH
Murata-LQW18AN47NG00
L4
43 nH
Murata-LQW18AN43NG00
L2
62 nH
Murata-LQW18AN62NG00
L2
62 nH
Murata-LQW18AN62NG00
C3
10 pF
Murata-GRM1885C1H100JA01
C3
100 pF
Murata-GRM1885C1H101JA01
C2
2.7 pF
Murata-GRM1885C1H2R7CZ01
C2
3.3 pF
Murata-GRM1885C1H3R3CZ01
L1
56 nH
Murata-LQW18AN56NG00
L1
82 nH
Murata-LQW18AN82NG00
C1
0.5 pF
Murata-GRM1885C1HR50CZ01
C1
4.7 pF
Murata-GRM1885C1H4R7CZ01
433 MHz
433 MHz
L4
24 nH
Murata-LQW18AN24NG00
L4
24 nH
Murata-LQW18AN24NG00
L2
33 nH
Murata-LQW18AN33NG00
L2
33 nH
Murata-LQW18AN33NG00
C3
10 pF
Murata-GRM1885C1H100JA01
C3
100 pF
Murata-GRM1885C1H101JA01
C2
2.2 pF
Murata-GRM1885C1H2R2CZ01
C2
3.9 pF
Murata-GRM1885C1H3R9CZ01
L1
43 nH
Murata-LQW18AN43NG00
L1
43 nH
Murata-LQW18AN43NG00
C1
2.7 pF
Murata-GRM1885C1H2R7CZ01
C1
6.8 pF
Murata-GRM1885C1H6R8CZ01
Supply
Voltage
2
1
C3
Π Matching Network
to 50
Ω
L1
SMA
Connector
Into 50
Ω
PAOUT
PREOUT
AS3977
L4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com