Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 34 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 34 Page - ams AG

Back Button AS3977 Datasheet HTML 30Page - ams AG AS3977 Datasheet HTML 31Page - ams AG AS3977 Datasheet HTML 32Page - ams AG AS3977 Datasheet HTML 33Page - ams AG AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
34 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.8 Output Frequency Setting
The output frequency fRF is given by:
(EQ 3)
Where:
P
is the Predivider division ratio
fREF is the Reference frequency
M
is the Prescaler modulus
N
is the N-counter division ratio
AC
is the A-counter offset, AC determines together with FRAC the actual A-counter setting
FRAC is the Fractional part
Predivider Division Ratio P and Pre Scaler Modulus M. The frequency band selection determines the value of the predivider division
ratio P and the setting of the pre scaler modulus M. The setting of these values for the different frequency bands is given in Table 24.
The reference frequency should be in the range of 3 to 5, 75 MHz and can be calculated by:
(EQ 4)
The recommended setting of the divider is 4.
The next step is to calculate the Division ratio:
(EQ 5)
This division ration can be split into a part before the comma, called integer part and a part after the comma, also called fractional part DRFRAC
The N-counter value of the Fractional N Synthesizer can be calculated with the formula:
N = whole numbered part of
(EQ 6)
The A-Counter is the rest of this Division and can be calculated by:
(EQ 7)
In case, the Value of the A-counter is zero, the value of the A-counter has to be increased by M and the value of N has to be decreased by one
AC = M
N = N - 1
(EQ 8)
In case, the N-counter is in the range from 10 to 25 and the value of the A-counter is less than N-counter-7:
INT < 3 : 0 > = N - 10
INT < 7 : 4 > = AC - 1
(EQ 9)
Note:
In case, no solution can be found for the wanted center frequency, it may help to modify the reference frequency or INT<8>
Table 24. P and M Values for Frequency Bands
Frequency Band
P
M
BSEL<1:0>
Note
315 MHz
1
4
0 (00)
300 – 320 MHz
433 MHz
1
5
1 (01)
425 – 450 MHz
868 MHz
2
5
2 (10)
865 – 870 MHz
915 MHz
2
5
3 (11)
902 – 928 MHz
f
RF
Pf
REF
M N
AC
FRAC
++
⋅
()
⋅⋅
=
f
REF
f
XTAL
divider
-------------------
=
DR
f
RF
Pf
REF
⋅
------------------
DR
INT
DR
FRAC
+
==
DR
INT
3
–
()
M
-----------------------------
AC
DR
INT
3
–
() NM
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com