Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 8 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 8 Page - ams AG

Back Button AS3977 Datasheet HTML 4Page - ams AG AS3977 Datasheet HTML 5Page - ams AG AS3977 Datasheet HTML 6Page - ams AG AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG AS3977 Datasheet HTML 10Page - ams AG AS3977 Datasheet HTML 11Page - ams AG AS3977 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
8 - 47
AS3977
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Positive supply voltage analog
Voltage on all supply
VCCPA,VCCPLL,VDD
2.0
3.6
V
GND
Negative supply voltage analog
00
V
VSS
Negative supply voltage digital
00
V
A-D
Difference of supplies
VCC-VDD, GND-VSS
-0.1
0.1
V
TAMB
Ambient Temperature
-40
85
ºC
Table 4. Block Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOUT315
Output Frequency Range
300
320
MHz
fOUT434
425
450
fOUT868
865
870
fOUT915
902
928
POUT
Output Power
Depends on Power Setting
fFSKdata
FSK Data Rate
Internal Manchester Coding
1
100
kbit/s
0.5
50
315MHz Frequency Band Section, FCC part 15 is applicable
ΔFSK1
FSK Deviation
programmable (8bit)
Resolution of FSK Deviation (see Table 5)
0±64
kHz
PSPE1
Spurious Emissions
(max. –19.6dBm radiated fundamental
power)
1
216-960MHz
at frequencies > 960Mhz
at harmonics
-49
dBm
-41
-40
Phase noise @ 50 kHz
Charge pump setting: ICHP=50µA;
VSUP=2.0..3.6V,
TAMB=-40..85ºC
-86
dBc/Hz
Phase noise @ 250 kHz
-92
Phase noise @ 1 MHz
-102
434MHz Frequency Band Section, EN 300 220 and/or ARIB STD-T67 are applicable
ΔFSK2
FSK Deviation
Small deviation (ARIB), programmable
(8bit)
Resolution of FSK Deviation (see Table 5)
±1.25
±4
kHz
0±64
Phase noise @ 50 kHz
Charge pump setting: ICHP=50µA;
VSUP=2.0…3.6V,
TAMB=-40…85ºC
-86
-83
dBc/Hz
Phase noise @ 250 kHz
-94
Phase noise @ 1 MHz
-102
PACP2
Adjacent Channel Power
ARIB, fREF=4MHz, ICHP=50µA
-40
dBc
OBW2
Occupied Bandwidth
Channel spacing 12.5 kHz, FSK data rate
4.8 kbit/s (ARIB)
FSK Deviation ±1.8 KHz
8.5
GF Setting (see Gaussian Filter Clock
Setting on page 38)
Channel spacing 25 kHz,
FSK data rate 9.6 kbit/s (ARIB)
FSK Deviation ±3.0 KHz
8.5
16
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com