Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 16 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 16 Page - ams AG

Back Button AS3977 Datasheet HTML 12Page - ams AG AS3977 Datasheet HTML 13Page - ams AG AS3977 Datasheet HTML 14Page - ams AG AS3977 Datasheet HTML 15Page - ams AG AS3977 Datasheet HTML 16Page - ams AG AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
16 - 47
AS3977
Data Sheet - Ti m i n g C h a r a c t e r i s t i c s
7.1 Timing Parameters
Table 18. Timing Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Units
General
BRSDI
Bit rate
2
Mbps
tCH
Clock high time
250
ns
tCL
Clock low time
250
ns
Write timing
tDIS
Data in setup time
20
ns
tDIH
Data in hold time
10
ns
tEH
Enable hold time
20
ns
Read timing
tDIHZ
Data in to high impedance delay
time for the µC to release the DATAIO bus
45
ns
tDOS
Data out setup time
130
ns
tDOH
Data out hold time
135
ns
tDOD
Data out delay
80
ns
tDOHZ
Data out to high impedance delay
time for the SDI to release the DATAIO
bus
80
ns
Timing parameters when leaving the Power Down Mode (for determination of CLK polarity and MCCLK behavior)
tCS
Clock setup time
(CLK polarity)
Setup time of CLK with respect to
ENABLE rising edge
20
ns
tCHD
Clock hold time
(CLK polarity)
Hold time of CLK with respect to ENABLE
rising edge
20
ns
tMS
Data in setup time
(MCCLK behavior)
DATAIO setup time with respect to
ENABLE rising edge
20
ns
tMH
Data in hold time
(MCCLK behavior)
DATAIO hold time with respect to
ENABLE rising edge
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com