Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 25 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 25 Page - ams AG

Back Button AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG AS3977 Datasheet HTML 24Page - ams AG AS3977 Datasheet HTML 25Page - ams AG AS3977 Datasheet HTML 26Page - ams AG AS3977 Datasheet HTML 27Page - ams AG AS3977 Datasheet HTML 28Page - ams AG AS3977 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
25 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.2.5 Transmitting Data
Command code has to be provided from LSB to MSB and for transmit it is <C0, C1> = “11”. After the command code, further configuration has to
be provided from the MSB to the LSB. Then a bit-stream, the data to be sent, can be transferred from the SDI master by keeping SDI enable
signal to high. No SDI clock is required for data synchronization or the input bit stream.
Each bit of the command and address sections of the frame have to be driven by the SDI master on the SDI clock transfer edge and the SDI
slave on the next SDI clock edge samples it.
The transmission starts as follows:
After the last configuration bit has been sampled, the micro controller has to provide an additional SDI clock edge to activate the output amplifier.
This allows the SDI state machine to switch to the TX status and to activate MCCLK. Then, together with the first TX data bit, the next SDI clock
sampling edge provided by the master starts the transmission itself and powers on the analog output driver.
In case, the MCCLK output is properly configured, the transmission will be stopped by the microcontroller by setting the clock to a high
impedance state and the MCCLK output of the Transceiver became active and takes over the communication of the Interface.
The power amplifier is switched on (if not already on) at the subsequent sampling edge of CLK after receiving the transmit command byte. This
allows to delay the PAON signal, e.g. to enable locking of the PLL in case a channel hop has to be performed.
The following figure (Figure 12) shows an example (sampling falling edge) of the transmit command with MCCLK active during TX. It is important
to note in this mode the sequence of events labelled 1-4 in the diagram, which lead to transmission. This mode allows the baud clock to be
synchronized to the external data. In such a case, the synchronization (A5=1) bit should be set within the transmitter configuration.
Figure 12. Transmit Command with MCCLK Active During Tx (falling edge sampling)
9.3 Transmitter Control States
9.3.1 Power Down State
When the Power Down Mode is entered, the crystal oscillator ends running and two very important bits of the registers are set to their inactive
values:
1. Lock transmit: which is set (1) during PD to forbid any transmission.
2. Setpd: it is reset (0) to avoid a locked Power Down Mode.
When the circuit is in Power Down Mode, the crystal oscillator and all the other analog/digital circuits are OFF. The transmitter interface is the
only supplied circuit and it is sensitive to SDI signals. The current consumption is limited by the leakage current. The configuration registers do
not alter as long as the minimum supply requirements are met. The state can only be left by the rising edge of ENABLE. The state can be
entered either by setting the set power down bit (SETPD) via. SDI communication or by setting ENABLE low for more than 2
16 XTAL cycles
(Power Down Timer). When the Power Down Mode is left (by the rising edge of ENABLE), the crystal oscillator is activated.
1
4
3
2
Tx Configuration and pre-configuration for
MCLK set
Tx configuration parameter ready
uController triggers falling edge of CLK after ris-
ing edge of MCLK
Power Amplifier is switched on
Power Amplifier is
switched off or data is sent
continuously
MCLK started synchronous to
internal baud clock
A5
A4
A3
A2
A1
A0
1
1
Data to be sent
DATAIO
MCCLK
CLK
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com