Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 11 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 11 Page - ams AG

Back Button AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG AS3977 Datasheet HTML 10Page - ams AG AS3977 Datasheet HTML 11Page - ams AG AS3977 Datasheet HTML 12Page - ams AG AS3977 Datasheet HTML 13Page - ams AG AS3977 Datasheet HTML 14Page - ams AG AS3977 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
11 - 47
AS3977
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
fBW
Charge pump setting:
ICHP
@ 12.5 µA
Reference Frequency = 4MHz
VSUP = 3.0 V;
TAMB = 25ºC
50
kHz
@ 25 µA
70
@ 37.5µA
90
@ 50 µA
120
Filter Bandwidth at 868 MHz
fBW
Charge pump setting:
ICHP
@ 12.5 µA
Reference Frequency = 4MHz
VSUP = 3.0 V;
TAMB = 25ºC
50
kHz
@ 25 µA
70
@ 37.5µA
90
@ 50 µA
120
Table 9. Power Amplifier (300 - 320 MHz and 425 - 450 MHz Bands)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POUT
Min. Output Power @ 50
Ω
VSUP=3V, @ 25ºC,
Power depending on power setting with or
without the use of the internal voltage
regulator, external matching network
included
-20
dBm
POUT
Max. Output Power @ 50
Ω
VSUP=3V, @ 25ºC,
Power depending on power setting with or
without the use of the internal voltage
regulator, external matching network
included
8dBm
POUT
Output Power
Variation@ 50
Ω
1
(300 – 320MHz)
VSUP=3V, @ 25ºC,
Power depending on register setting with
or without the use of the internal voltage
regulator,
external matching network included,
strong AB operation mode
-2.5
+2.5
dBm
POUT
Output Power
Variation@ 50
Ω
1
(425 – 450MHz)
VSUP=3V, @ 25ºC,
Power depending on register setting with
or without the use of the internal voltage
regulator,
external matching network included,
strong AB operation mode
-2.0
+2.0
dBm
POUT
Output Power Variation vs. VDD and
Temperature @ 50
Ω
VSUP=2.2…3.6V, TAMB=-40…85ºC, With
the use of the internal voltage regulator,
external matching network included,
strong AB operation mode
-2.8
+0.6 /
-1.5
1.0
dB
POUT
Output Power Variation vs.
Temperature @ 50
Ω
VSUP=3V, TAMB=-40..85ºC,
Without the use of the internal voltage
regulator,
external matching network included,
strong AB operation mode
+1.5 /
-2.0
dB
POUT
Max Output Power @ 50
Ω
VSUP=3.6V, @ 25ºC,
Power depending on power setting
without the use of the internal voltage
regulator,
external matching network included
10
dBm
1. Limits by production test measurement uncertainties
Table 8. (Continued)Loop Filter Bandwidth
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com