Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 19 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 19 Page - ams AG

Back Button AS3977 Datasheet HTML 15Page - ams AG AS3977 Datasheet HTML 16Page - ams AG AS3977 Datasheet HTML 17Page - ams AG AS3977 Datasheet HTML 18Page - ams AG AS3977 Datasheet HTML 19Page - ams AG AS3977 Datasheet HTML 20Page - ams AG AS3977 Datasheet HTML 21Page - ams AG AS3977 Datasheet HTML 22Page - ams AG AS3977 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
19 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 5. Functional Description Diagram of Timers and Data Synchronization
The Prescaler divides the XTAL frequency by fOUT=2
-PSC<2:0>*f
IN
The Compare timer divides by fOUT=fIN/(TCV+1) and the Postscaler divides the input frequency by fOUT=2
-ASC<1:0>*f
IN
which leads into a data
frequency of:
fOUT=2
-(PSC<2:0>+ASC<1:0>+1)* f
IN
/ (TCV+1)
(EQ 2)
9.1 Operation Modes
All modes are controlled by the SDI interface.
Power Down Mode
The AS3977 is connected to the power supply and can be switched to power down mode. The current consumption is limited by the leakage
current.
Clock Enable Mode
In this mode, only the reference frequency generator is switched on and a clock signal is supplied via the clock output.
PLL Enable Mode
The PLL is switched on and locked at the selected output frequency. The power amplifier is in power down mode. This mode enables OOK-
ASK modulation by switching the PA on and off.
Transmit Mode
The PLL is switched on and locked at the selected output frequency. The power amplifier is in power on mode. This is the FSK mode for
transmitting data.
Baudrate
Generator
Data Generator
Data
Synchronization
MC
TXDO
3
to
1
xor
Postscalar
/ 1,2,4,8
2
ASC
3
PSC
8
timer
compare
value
compare
counter
8bit
INV
Powerdown Timer
Powerdown
reset
reset
2
CLK Source
TXDATA
MCCLK
XTAL
ENABLE
/ 2^16
Set Powerdown
Prescalar
/ 1,2,4,8,…
128
3
to
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com