Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 5 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 5 Page - ams AG

  AS3977 Datasheet HTML 1Page - ams AG AS3977 Datasheet HTML 2Page - ams AG AS3977 Datasheet HTML 3Page - ams AG AS3977 Datasheet HTML 4Page - ams AG AS3977 Datasheet HTML 5Page - ams AG AS3977 Datasheet HTML 6Page - ams AG AS3977 Datasheet HTML 7Page - ams AG AS3977 Datasheet HTML 8Page - ams AG AS3977 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
5 - 47
AS3977
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Type
Description
PREOUT
1
Open Collector preamplifier output, need a feeding coil
connected to VREGRF or VDD and is the input for the Power
amplifier
PAOUT
2
Open Collector power amplifier output, need a feeding coil
connected to VREGRF or VDD
RESERVED
3
Must be connected to GND
VCCPLL
4
Positive Power Pin
Positive supplies of VCO, for optimum performance, add
decoupling capacitors on this Pin.
ENABLE
5
Digital CMOS level input, internal Pull down resistor > 60k
2
1
3
4
11
12
10
9
6
5
7
8
15
16
14
13
AS3977
PREOUT
PAOUT
GND
VCCPLL
MCCLK
DATAIO
VDD
VREGDIG
PREOUT
PAOUT
PREOUT
EN ABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com