Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 38 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 38 Page - ams AG

Back Button AS3977 Datasheet HTML 34Page - ams AG AS3977 Datasheet HTML 35Page - ams AG AS3977 Datasheet HTML 36Page - ams AG AS3977 Datasheet HTML 37Page - ams AG AS3977 Datasheet HTML 38Page - ams AG AS3977 Datasheet HTML 39Page - ams AG AS3977 Datasheet HTML 40Page - ams AG AS3977 Datasheet HTML 41Page - ams AG AS3977 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
www.austriamicrosystems.com/AS3977
Revision 3.6
38 - 47
AS3977
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Frequency Trimming. Frequency trimming (e.g. in case a characterized crystal is used) can be done with the help of the (nominal) frequency
resolution
Δf and without recalculating all the frequency settings. If the crystal error is known, the resulting error
in the output frequency is
also known. The ratio
can then be used to correct the error. In case the crystal error is positive,
has to be subtracted from, in case
the crystal error is negative it has to be added to FRAC<15:0>.
A similar procedure can be performed to calibrate for initial frequency errors. Note that in both cases the resulting value for FRAC<15:0> has to
fulfil the conditions FRAC<15:0> - DF
≥ 0Η and FRAC<15:0> + DF ≤ FFFFH.
9.8.3.2 Gaussian Filter Clock Setting
The setting of GFCS<7:0> determines the clock frequency fGF of the Gaussian filter according to
(EQ 29)
Ideally, fGF should be set to be 30*fMod (fMod …modulation frequency).
9.9 Baud Rate Generator
The main functionality of the module is to generate clocks with programmed periods. The first action is to change the parameters followed by
starting a transmission.
Changing PSC, TCV, ASC and CLKS parameters
As soon as the crystal oscillator clock is active, pre scaler and after scaler timer configuration parameters are continuously updated from the
SDI registers. To avoid spurious emissions, these synchronized values cannot be immediately used for new clock generation because the
circuit has to take care about current and new clock phase difference. Then, as soon as the phase difference between them is zero, an
enable signal is generated and new values are stored to the final registers that will be used for the normal functionality of the circuit. At this
point the new clock will start without spurious periods.
Starting a transmission
A typical situation is as follows – After start up and configuration, the circuit goes in Power Down Mode. Then a wake up event occurs on the
SDI interface and the internal crystal oscillator starts running (after a setup time). The wake up event is typically a rising edge on the SDI
enable input that samples the SDI data e.g. to the LOW value and this resets the MCCLK frequency to be 1/16 of the oscillator frequency
and makes the clock always active. At this point the micro-controller starts its activity and it can decide to reprogram MCCLK frequency to
the desired value and to the desired behavior. The decision between current and new value will be done synchronously to eliminate any
possible spurious period on MCCLK (mainly if it is used). In any case it can be maintained the new setting between different Power Down
Modes or it can be reset to the default value on the first access to the SDI interface when the circuit is in Power Down Mode.
9.10 Reference Design PREOUT and PAOUT Connection
For all RF Specification, refer to the Reference Design. The PAOUT pin is Power Line matched to 50
Ω load wherein a power of
8dBm@315MHz/433MHz and 4dBm@868MHz/915MHz is spent typically.
9.10.1 Matching Circuit and PREOUT and PAOUT Connections to the Supply Voltage
Figure 13 shows the Power Line Matching and Transformation Network used on the Reference Design. Table 25 gives the values for several
settings, varying the operation frequency and the Supply Voltage source. Supply blocking capacitors are not shown in the schematic (see Figure
13).
ε
RF
ε
RF
Δf
-----------
ε
RF
Δf
-----------
1
0
:
7
GFCS
+
>
<
=
REF
GF
f
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com