Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 98Page - STMicroelectronics L9396 Datasheet HTML 99Page - STMicroelectronics L9396 Datasheet HTML 100Page - STMicroelectronics L9396 Datasheet HTML 101Page - STMicroelectronics L9396 Datasheet HTML 102Page - STMicroelectronics L9396 Datasheet HTML 103Page - STMicroelectronics L9396 Datasheet HTML 104Page - STMicroelectronics L9396 Datasheet HTML 105Page - STMicroelectronics L9396 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
Serial Peripheral Communication
L9396
102/109
DS12539 Rev 6
8.4
SPI parameters
8.4.1
DC Electrical Parameters
The SPI interface is composed of:
Supply: VCC
Inputs: SCLK, SDI, CS
Output: SDO
-40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 61. DC electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
SPI Dedicated Power Supply
Application note
3.0
-
5.5
V
VIL
PRN Logic Input Low Voltage
-
-
-
0.75
V
VIH
PRN Logic Input High Voltage
-
1.75
-
-
V
Vhysteresis PRN Input hysteresis Voltage
-
0.1
-
1
V
PRNPD
PRN pull-down
PRN= 3.3V
10
-
100
µA
VIL
SCLK Logic Input Low Voltage
-
-
-
0.75
V
VIH
SCLK Logic Input High Voltage
-
1.75
-
-
V
Vhysteresis SCLK Input hysteresis Voltage
-
0.1
-
1
V
SCLKPD
SCLK pull-down
SCLK = 3.3V
10
-
100
µA
VIL
SDI Logic Input Low Voltage
-
-
-
0.75
V
VIH
SDI Logic Input High Voltage
-
1.75
-
-
V
Vhysteresis SDI Input hysteresis Voltage
-
0.1
-
1
V
SDIPU
SDI pull-up
SDI = 0V
-100
-
-10
µA
VIL
CS Logic Input Low Voltage
-
-
-
0.75
V
VIH
CS Logic Input High Voltage
-
1.75
-
-
V
Vhysteresis CS Input hysteresis Voltage
-
0.1
-
1
V
CSPU
CS pull-up to internal logic
supply
CS = 0V
-100
-
-10
µA
VOL
SDO Logic Output Low Voltage Isource = 1mA
-
-
0.4
V
VOH
SDO Logic Output High
Voltage
Isink = 1mA
VCC-0.4
-
-
V
Ileak
SDO Tristate leakage current
CS high 0<SDO<VCC-
0.1V
-3
-
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com