Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 99Page - STMicroelectronics L9396 Datasheet HTML 100Page - STMicroelectronics L9396 Datasheet HTML 101Page - STMicroelectronics L9396 Datasheet HTML 102Page - STMicroelectronics L9396 Datasheet HTML 103Page - STMicroelectronics L9396 Datasheet HTML 104Page - STMicroelectronics L9396 Datasheet HTML 105Page - STMicroelectronics L9396 Datasheet HTML 106Page - STMicroelectronics L9396 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 109 page
background image
DS12539 Rev 6
103/109
L9396
Serial Peripheral Communication
108
8.4.2
AC electrical parameters
Figure 25. SPI timing diagram
8
CS
MSB
MSB
DATA
DATA
LSB
LSB
SDI
SCLK
SDO
6
12
9
2
4
7
11
10
13
14
16
15
3
5
GADG2501171520PS
Table 62. SPI timing characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
note
fop
Transfer Frequency
Design Information
-
-
6
MHz
SCLK
tsclk
SCLK Period (2)
Design Information
167
-
-
ns
SCLK
tlead
Enable Lead Time (3)
Design Information
750
-
-
ns
SCLK
tlag
Enable Lag Time (4)
Design Information
100
-
-
ns
SCLK,
CS
tsclkhs
SCLK High Time (5)
Design Information
75
-
-
ns
SCLK
tsclkls
SCLK Low Time (6)
Design Information
75
-
-
ns
SCLK
tsus
SDI Input Setup Time (7)
Design Information
30
-
-
ns
SDI
ths
SDI Input Hold Time (8)
Design Information
30
-
-
ns
SDI
ta
SDO Access Time (9)
50pF load
-
-
100
ns
SDO
tdis
SDO Disable Time (10)
50pF load
-
-
100
ns
SDO
tvs
SDO Output Valid Time (11) 50pF load
-
-
70
ns
SDO
tho
SDO Output Hold Time (12) 50pF load
10
-
-
ns
SDO
tr
SDO Rise Time (13)
50pF load
-
-
50
ns
SDO
tf
SDO Fall Time (14)
50pF load
-
-
50
ns
SDO
tcsn
CS Negated Time (15)
Design Information
750
-
-
ns
CS
tsh
SCLK Hold Time (16)
Design Information
100
-
-
ns
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com