Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 41Page - STMicroelectronics L99LD21 Datasheet HTML 42Page - STMicroelectronics L99LD21 Datasheet HTML 43Page - STMicroelectronics L99LD21 Datasheet HTML 44Page - STMicroelectronics L99LD21 Datasheet HTML 45Page - STMicroelectronics L99LD21 Datasheet HTML 46Page - STMicroelectronics L99LD21 Datasheet HTML 47Page - STMicroelectronics L99LD21 Datasheet HTML 48Page - STMicroelectronics L99LD21 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
DS11130 Rev 5
45/73
L99LD21
SPI functional description
72
5.4.3
Customer test and trimming registers description
CT: Customer Trimming Register
Address:
0x3Eh
Type:
R/W
Write operation allowed only when CTM_TRIM_COD = 100 and EOT = 0
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
Reserved
Table 26. CT: Ctm Trimming Register
Bit
Default
Name
Comment
23÷21
000
CTM_TRIM_COD
Operation Code for Trimming Operation:
011: Execute blank check read
100: Execute selected bit burning
010: Execute margin mode read
011: Execute blank check read
111: Execute end of trimming
001: Execute standard read
20÷19
00
DEF_HLEDCUR
18÷17
00
DEF_DAC1
16÷15
00
DEF_VLEDTOFF1
14
0
DEF_MS
13
0
DEF_BSTDIS
12
0
EOT
End of Ctm Trimming
11÷1
00000000000
Reserved
0
Parity Bit
ODD Parity Bit Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com