Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 58Page - STMicroelectronics L99LD21 Datasheet HTML 59Page - STMicroelectronics L99LD21 Datasheet HTML 60Page - STMicroelectronics L99LD21 Datasheet HTML 61Page - STMicroelectronics L99LD21 Datasheet HTML 62Page - STMicroelectronics L99LD21 Datasheet HTML 63Page - STMicroelectronics L99LD21 Datasheet HTML 64Page - STMicroelectronics L99LD21 Datasheet HTML 65Page - STMicroelectronics L99LD21 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Electrical specifications
L99LD21
62/73
DS11130 Rev 5
6.4.4
SPI
Note:
See also Chapter 5: SPI functional description.
Table 42. SPI signal description
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
CSN
Chip Select Not
High State
0.7 * V3V3
V3V3
V
Low State
0.3 * V3V3
SCK
Serial Clock
High State
0.7 * V3V3
V3V3
V
Low State
0.3 * V3V3
SDI
Serial data Input
High State
0.7 * V3V3
V3V3
V
Low State
0.3 * V3V3
SDO
Serial data Output - High State
IOUT = -1 mA
VSPI-0.5
VSPI-0.2
V
Serial data Output - Low State
IOUT = 1 mA
0.2
0.5
ILK
Output leakage current
-1
1
µA
Table 43. SPI timings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Tsck
Serial clock (SCK) period
250
ns
THsck
SCK high time
100
ns
TLsck
SCK low time
100
ns
Trise_in
CSN, SCK, SDI rise time
Fsck = 4 MHz
25
ns
Tfall_in
CSN, SCK, SDI fall time
Fsck = 4 MHz
25
ns
THcsn
CSN high time
6
µs
TScsn
CSN setup time, CSN low
before SCK rising
100
ns
TSsck
SCK setup time, SCK low
before CSN rising
100
ns
TSsdi
SDI setup time before SCK
rising
25
ns
Thold_sdi
SDI hold time
25
ns
Tcsn_v
CSN falling until SDO valid
Cout = 50 pF;
Iout = ±1 mA
100
ns
Tcsn_v
CSN rising until SDO tristate
Cout = 50 pF;
Iout = ±4 mA
100
ns
Tsck_v
SCK falling until SDO valid
Cout = 50 pF
60
ns
TRsdo
SDO rise time
Cout = 50 pF;
Iout = -1 mA
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com