Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 53Page - STMicroelectronics L99LD21 Datasheet HTML 54Page - STMicroelectronics L99LD21 Datasheet HTML 55Page - STMicroelectronics L99LD21 Datasheet HTML 56Page - STMicroelectronics L99LD21 Datasheet HTML 57Page - STMicroelectronics L99LD21 Datasheet HTML 58Page - STMicroelectronics L99LD21 Datasheet HTML 59Page - STMicroelectronics L99LD21 Datasheet HTML 60Page - STMicroelectronics L99LD21 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
DS11130 Rev 5
57/73
L99LD21
Electrical specifications
72
tTONMAX_OFF
Buck off time after
detection of two
consecutive TON_MAX
operation
64
µs
tDELAY
Time delay before: to
switch on Buckx (Boost
Disable or No power good);
to switch off Boost (VS
undervoltage)
10
ms
tLOOP_DELAY_BUCK Buck loop delay
190
ns
tON_MIN_BUCK
Operative Buck converter
minimum on-time
400
ns
tON_MAX_BUCK
Operative Buck converter
maximum on-time
20
µs
tOFF_MIN_BUCK
Operative Buck converter
minimum off-time
500
ns
tOFF_MAX_BUCK
Operative Buck converter
maximum off-time
10
µs
ILx_Peak
Inductor Peak Current
Reference Range (see
Table 40 and figures 11 and
12)
Low ILx_PEAK current range;
High RDSON mode
0.179
0.849
A
High ILx_PEAK current range;
Low RDSON mode
0.362
1.695
VLED_RES
VLED input impedance
425
k
ADC_RES
ADC resolution
8
bits
ADC_CONV_TIME
VLED1 ADC refresh time
Full conversion of 8 bits
VS = 13.5 V
VSPI = 5 V
VLEDx = 10 V
3.6
µs
VLED2 ADC refresh time
ADC_FS
ADC full scale for VLED
measurement
52.5
V
ADC_INL
ADC Integral Non Linearity
-2
2
LSB
ADC_DNL
ADC Differential Non
Linearity
-2
2
LSB
Table 39. Buck converter power stage (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com