Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 12Page - STMicroelectronics L99LD21 Datasheet HTML 13Page - STMicroelectronics L99LD21 Datasheet HTML 14Page - STMicroelectronics L99LD21 Datasheet HTML 15Page - STMicroelectronics L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics L99LD21 Datasheet HTML 19Page - STMicroelectronics L99LD21 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Boost controller
L99LD21
16/73
DS11130 Rev 5
2.7
Soft start
The L99LD21 features an internal soft start function, which gradually increases the boost
mosfet current limit in 8 steps, in order to avoid a voltage overshoot of the boost output. The
threshold of the current limitation reaches its nominal value after a specified soft start time
(tSS).
A soft-start phase is initiated at the activation of the boost controller:
after leaving standby mode;
after deactivation of the boost controller due to a VS under voltage;
after a previous de-activation of the boost by SPI (see bit <1> on Table 16: CR#3:
Control Register 3);
after deactivation of the boost controller due to a BST_FB_FAIL.
2.8
Slope compensation
Slope compensation is needed to ensure loop stability with all possible values of duty cycle:
D = TON / T (0 < D < 1) especially when duty cycle is greater than 0.5. The slope of the
additional ramp is proportional to converter inductor current slope during the turn off phase.
The L99LD21 generates an internal peak current value, ISLOPE, which is added to the
sensing signal at the output of the OTA. The percentage of slope compensation is achieved
by choosing a proper value of the RSC resistor (see Figure 2 for RSC resistor proper
connection).
Figure 6. Slope compensation
2.9
Operation together with the buck converters
Right after a power on reset (POR) of the device or after a fault event leading to a latch-off of
the boost controller (VS under voltage), a soft start phase is initiated and the boost is
activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com