Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 24Page - STMicroelectronics L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics L99LD21 Datasheet HTML 28Page - STMicroelectronics L99LD21 Datasheet HTML 29Page - STMicroelectronics L99LD21 Datasheet HTML 30Page - STMicroelectronics L99LD21 Datasheet HTML 31Page - STMicroelectronics L99LD21 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Functional description
L99LD21
28/73
DS11130 Rev 5
4.3.5
Buck output’s short circuit to GND
A shorted buck output to GND is detected when LED string voltage (VLED) is lower than a
specified threshold (VLED_SHT) and the corresponding failure counter counts Nton_min_fail
switching cycles (also nonconsecutive), during which ILx_PEAK is reached between
TBLANK_BUCK and TON_MIN_BUCK. In normal mode (Active mode), once a short circuit is
validated, flag SHTx is set and the corresponding Buckx converter is latched off, until the
microcontroller sends a frame and clears the corresponding status bit (SR#1<7> and
SR#1<6>).
In fail safe mode (Limp Home), once a short circuit is validated, the corresponding buck
converter is latched off until automatically cleared by an auto-restart procedure, with a
period equal to tAUTORESTART.
The failure counter is not incremented during the startup phase. The failure counter is reset
if Nton_min_fail_reset consecutive pulses are detected with TON longer than TON_MIN_BUCK.
4.3.6
Buck TON maximum operation
Buck maximum on time operation is detected when switching on time is equal to
tON_MAX_BUCK for two consecutive cycles.
Once maximum Ton operation is validated, flag TON_MAX_OPx is set and the
corresponding Buckx converter is temporarily switched off for a Ttonmax_off.
Then, Buckx is enabled to switch on again while TON_MAX_OPx bit will be latched until a
R&C command clears corresponding status bit (SR#2<20> or SR#2<19>).
In fail safe mode (Limp Home), once a maximum TON violation is validated, the
corresponding buck converter is latched off until automatically cleared by an auto-restart
procedure, with a period equal to tAUTORESTART.
4.3.7
Buck Open Load detection
If one of the LED strings is disconnected, the converter will charge the output capacitor of
the buck converter by regulating the peak current of the switch, until VLED is equal to the
buck input voltage. From this point, since the output capacitor is charged at the maximum
possible value, it cannot absorb any current despite the activation of the switch, and the
target ILx_PEAK cannot be reached.
Upon these conditions, Buckx starts switching at maximum Ton: maximum Ton operation
detection (described in Section 4.3.6) guarantees Open Load failure protection as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com