Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 29Page - STMicroelectronics L99LD21 Datasheet HTML 30Page - STMicroelectronics L99LD21 Datasheet HTML 31Page - STMicroelectronics L99LD21 Datasheet HTML 32Page - STMicroelectronics L99LD21 Datasheet HTML 33Page - STMicroelectronics L99LD21 Datasheet HTML 34Page - STMicroelectronics L99LD21 Datasheet HTML 35Page - STMicroelectronics L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
DS11130 Rev 5
33/73
L99LD21
SPI functional description
72
5.4
Registers description
5.4.1
Control Register description
CR#1: Control Register 1
Address:
0x01h
Type:
R/W
14h
WD bit pos. 2
R
D7h
Bit7, WB1 = 1
Bit6, WB0 = 1
Bit position of the WD bit within the
corresponding configuration register = 23d =
010111b
20h
SPI CPHA Test
R
55h
Predefined by ST - SPI , it is used to verify that
the SCK Phase of the SPI master is set correctly
3Eh
GSB Options
R
00h
All bits of GSB are used
3Fh
Advanced
Operation Code
R00h
Access to this address provokes a SW reset (all
control registers are set to their default values; in
addition, all status registers are cleared too).
Data field should not be all ones, otherwise an SDI
stuck occurs
Table 13. ROM memory map (continued)
Address
Name
Access Content
Comments
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
DUTY1
DUTY2
Table 14. CR#1: Control Register 1
Bit
Default
Name
Description
23÷14
1000000000
DUTY1
10 bit PWM duty cycle selection for Buck1 (from 0 to hex 3FF) Default
50%
13÷4
1000000000
DUTY2
10 bit PWM duty cycle selection for Buck2 (from 0 to hex 3FF) Default
50%
3
Set by OTP
(DEF_HLEDCUR)
HLEDCUR1
[1]: High LED current configuration selected for Buck1 (Low RON, both
half power stages enabled)
[0]: Low LED current configuration selected for Buck1 (High RON, only
one half power stage enabled)
2
HLEDCUR2
[1]: High LED current configuration selected for Buck2 (Low RON, both
half power stages enabled)
[0]: Low LED current configuration selected for Buck2 (High RON, only
one half power stage enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com