Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 38Page - STMicroelectronics L99LD21 Datasheet HTML 39Page - STMicroelectronics L99LD21 Datasheet HTML 40Page - STMicroelectronics L99LD21 Datasheet HTML 41Page - STMicroelectronics L99LD21 Datasheet HTML 42Page - STMicroelectronics L99LD21 Datasheet HTML 43Page - STMicroelectronics L99LD21 Datasheet HTML 44Page - STMicroelectronics L99LD21 Datasheet HTML 45Page - STMicroelectronics L99LD21 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
SPI functional description
L99LD21
42/73
DS11130 Rev 5
18
0
PWMCLK_FAIL
When this bit is set, a PWM Clock Fail is detected.
This occurs FPWMCLK ≤ FPWMCLK_FAIL. In this case PWMCLK
signal is bypassed by an internal fall back PWM frequency
clock (having a frequency equal to FFALLBACK_CLK).
PWMCLK normal operation will be restored after a R&C
operation, when PWMCLK frequency
FPWMCLK > FPWMCLK_FAIL.
R/C
17
0
VSPI_FAIL
VSPI failure bit
0: VSPI (external SPI Supply) present
1: VSPI not present (VSPI voltage lower than VSPI_UV): device
goes to Limp Home Mode
R
16÷15
00
WD_STATUS
Watchdog status bit: see Table 25
R
14
0
WD_FAIL
Watchdog failure bit:
0: watchdog OK;
1: watchdog failure in Active mode
When this bit is set, the device goes in Limp Home Mode
R/C
13
0
VS_UV
VS undervoltage bit
0: VS > VS_UV;
1: VS
≤ V
S_UV
R
12
0
TOFF_MIN1
Minimum off-time operation for Buck1
0: Off-time
≥ tOFF_MIN_BUCK
1: Off-time < tOFF_MIN_BUCK
R
11
0
TOFF_MIN2
Minimum off-time operation for Buck2
0: Off-time
≥ tOFF_MIN_BUCK
1: Off-time < tOFF_MIN_BUCK
R
10
0
TOFF_MAX1
Maximum off-time operation for Buck1:
0: Off-time < tOFF_MAX_BUCK
1: Off-time
≥ tOFF_MAX_BUCK
R
9
0
TOFF_MAX2
Maximum off-time operation for Buck2:
0: Off-time < tOFF_MAX_BUCK
1: Off-time
≥ tOFF_MAX_BUCK
R
8
0
N_PWR_GOOD
This bit reflects the status of signal boost power good
(negative)
1: Output Boost voltage not reaching 92.5% of its target value
0: Output Boost voltage has reached 92.5% of its target value
R
7
0
BST_OVP
Boost Overvoltage Protection.
This bit is set when VFB > VFB_OV_ON for more than tBST_OVP,
while is reset when VFB < VFB_OV_OFF for more than
tBST_OVP_RST.
If BST_DIS = 1 then BST_OVP is not set.
If BST_FB_FAIL = 1 then BST_OVP is not set.
R
Table 23. SR#2: Status Register 2 (continued)
Bit
Default
Name
Description
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com