Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 19Page - STMicroelectronics L99LD21 Datasheet HTML 20Page - STMicroelectronics L99LD21 Datasheet HTML 21Page - STMicroelectronics L99LD21 Datasheet HTML 22Page - STMicroelectronics L99LD21 Datasheet HTML 23Page - STMicroelectronics L99LD21 Datasheet HTML 24Page - STMicroelectronics L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
DS11130 Rev 5
23/73
L99LD21
Functional description
72
Note:
Vs must be stable above minimum value specified (5.5 V) before rising edge on DIN or
falling edge on CSN.
4.1.2
Pre-standby mode
The device enters Pre-standby mode under the following conditions:
upon the two following consecutive SPI frames setting:
UNLOCK = 1
(EN, GOSTBY) = (0, 1)
The Pre-standby mode characteristics are:
V3V3 > VPOR
Boost disabled
Bucks disabled
SPI active
The device leaves automatically Pre-standby mode entering standby:
if CSN High and DIN Low for a time t > tSTDBY
4.1.3
Reset mode
The device enters Reset mode under the following conditions:
By default, once the device leaves Standby mode;
If device state is Active mode, when one of the following events occur:
–VSPI under voltage;
Watchdog failure
One SPI frame setting (EN,GOSTBY) = (0,0)
Two consecutive SPI frames setting
UNLOCK = 1
(EN,GOSTBY) = (1,1)
The Reset mode characteristics are:
V3V3 > VPOR
All the control and status registers set to their default values
SPI inactive
The device leaves automatically Reset mode and enters Limp home after 400 ns (typical).
4.1.4
Limp home
The device enters Limp Home automatically 400 ns after Reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com