Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 15Page - STMicroelectronics L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics L99LD21 Datasheet HTML 19Page - STMicroelectronics L99LD21 Datasheet HTML 20Page - STMicroelectronics L99LD21 Datasheet HTML 21Page - STMicroelectronics L99LD21 Datasheet HTML 22Page - STMicroelectronics L99LD21 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
DS11130 Rev 5
19/73
L99LD21
Buck converters
72
Figure 7. Peak current control principle
At the beginning of a switching period the MOSFET M1 is turned on, and the inductor
current IL1 increases. The mosfet is activated for a minimum on-time TON_MIN in order to
avoid that the on-phase is ended up by spurious noise, which is caused by the switch-on.
During mosfet activation, the inductor current, IL1, increases until reaching a maximum
value, IL1_PEAK, which is set through a dedicated control register (see bits <23:18> and bits
<17:12> on Table 15: CR#2: Control Register 2). When IL1 reaches its peak value, the
switching mosfet is turned off. The mosfet remains off for a time TOFF, which is derived from
the configured constant VLED1xTOFF1 (see bits <11:8> and bits <7:4> on Table 15: CR#2:
Control Register 2), where VLED1 is the forward voltage of the LED string, which is
connected at the output of the buck converter 1.
During TOFF, the inductor current decreases by:
ΔI
L1_PP
V
LED 1
V
F_D1
()
L
1
--------------------------------------------- T
OFF1
V
LED 1 TOFF1
L
1
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com