Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 33Page - STMicroelectronics L99LD21 Datasheet HTML 34Page - STMicroelectronics L99LD21 Datasheet HTML 35Page - STMicroelectronics L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics L99LD21 Datasheet HTML 38Page - STMicroelectronics L99LD21 Datasheet HTML 39Page - STMicroelectronics L99LD21 Datasheet HTML 40Page - STMicroelectronics L99LD21 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
DS11130 Rev 5
37/73
L99LD21
SPI functional description
72
Table 18. Constant VLED x TOFF selection
VLED_TOFF
Constant VLED x TOFF [V x µs]
0000
10
0001
12
0010
14
0011
16
0100
18
0101
20
0110
22
0111
24
1000
28
1001
32
1010
36
1011
40
1100
48
1101
56
1110
64
1111
72
Table 19. DIN map table for Buck Cell X
DIN_MAP X
Status of Buck Cell X
00
Always OFF
01
PWM dimming
10
Always ON
11
Controlled by DIN
Table 20. Boost clock selection
BST_FREQ
Boost clock [kHz]
000
100
001
151.5
010
200
011
250
100
303
101
357
110
400
111
454.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com