Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics L99LD21 Datasheet HTML 19Page - STMicroelectronics L99LD21 Datasheet HTML 20Page - STMicroelectronics L99LD21 Datasheet HTML 21Page - STMicroelectronics L99LD21 Datasheet HTML 22Page - STMicroelectronics L99LD21 Datasheet HTML 23Page - STMicroelectronics L99LD21 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Buck converters
L99LD21
20/73
DS11130 Rev 5
where
ΔIL1_PP is the inductor peak to peak current and VF_D1 is the forward voltage of the
diode D1. As D1 is a Schottky diode with a low forward voltage, VF_D1 can be in general
neglected, compared to VLED1.
Note:
Once the VLEDxTOFF constant for a given buck converter is selected by SPI, the peak-to-
peak inductor current ripple is constant. In particular, it depends neither on the boost voltage
nor on the LED forward voltage.
The ripple current through the LED strings is reduced by means of an external capacitor in
parallel with the LEDs.
Figure 8. Inductor and mosfet current waveforms
Referring to the Figure 7 and Figure 8 the average LED current - valid for both Buck 1 and
Buck 2 - is therefore:
where IL1_PEAK* results from IL1_PEAK (see Table 40) corrected with loop delay (tloop_delay)
In order to achieve the best accuracy versus input voltage variation during current sensing
process, a defined buck input voltage window must be selected, by means of a dedicated
control register (see bits <5:4> and bits <3:2> on Table 16: CR#3: Control Register 3).
3.4
Buck converter’s blank time
The buck converters have a minimum on-time TBLANK_BUCK. Although the inductor’s target
peak current ILx_PEAK is reached before this time has elapsed, the switch is kept on. This
delay is used as a leading-edge blank time, in order to avoid a premature end of the
switching cycle, which might be caused by the noise, which results from the commutation of
the buck’s mosfet.
I
LED1_AVG
I
L1_AVG
I
L1_PEAK*
ΔI
L1_PP
()
2
--------------------------
I
L1_PEAK*
=
==
V
LED TOFF1
()
2L
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com