Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 59Page - STMicroelectronics L99LD21 Datasheet HTML 60Page - STMicroelectronics L99LD21 Datasheet HTML 61Page - STMicroelectronics L99LD21 Datasheet HTML 62Page - STMicroelectronics L99LD21 Datasheet HTML 63Page - STMicroelectronics L99LD21 Datasheet HTML 64Page - STMicroelectronics L99LD21 Datasheet HTML 65Page - STMicroelectronics L99LD21 Datasheet HTML 66Page - STMicroelectronics L99LD21 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
DS11130 Rev 5
63/73
L99LD21
Electrical specifications
72
6.4.5
Direct input
TFsdo
SDO fall time
Cout = 50 pF;
Iout = 1 mA
50
100
ns
Tcsn_low_t
CSN low timeout
20
35
50
ms
Table 43. SPI timings (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 44. Direct Input pin limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDIN_L
DIN Low threshold
0.3 * V3V3
V
VDIN_H
DIN High threshold
0.7 * V3V3
V3V3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com