Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 31Page - STMicroelectronics L99LD21 Datasheet HTML 32Page - STMicroelectronics L99LD21 Datasheet HTML 33Page - STMicroelectronics L99LD21 Datasheet HTML 34Page - STMicroelectronics L99LD21 Datasheet HTML 35Page - STMicroelectronics L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics L99LD21 Datasheet HTML 38Page - STMicroelectronics L99LD21 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
DS11130 Rev 5
35/73
L99LD21
SPI functional description
72
CR#3: Control Register 3
Address:
0x03h
Type:
R/W
20
EN
Active mode Enable Bit:
0: Device stays in Limp Home (if GOSTBY = 0). This status is assumed
immediately after a wake up (CSN low or DIN High for a time >
tWAKE_UP)
1: Device Enabled for Active mode operation (if GOSTBY = 0).
EN can be set to 1 only if UNLOCK = 1; in other words, trying to set this
bit to 1 when UNLOCK = 0 will have no effects and it will maintain its
previous value.
EN can be reset to 0 also when UNLOCK = 0.
To set Active mode it is necessary to send two consecutive SPI frames
as follows:
1st SPI write operation to set UNLOCK bit to 1 (CR#1, bit1)
2nd SPI write operation to set GOSTBY bit to 0 and EN bit to 1
1
Set by OTP
(DEF_MS)
MS
Master/Slave bit
0: Device is Master (pin SYNC_IO is an output, providing a 180° phase
shifted replica of internal Boost clock)
1: Device is Slave (pin SYNC_IO is an input and it is used as a clock for
the Boost)
0
Parity bit
ODD parity bit check
Table 15. CR#2: Control Register 2 (continued)
Bit
Default
Name
Description
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
PH1
PH2
BST_FREQ
B_IN_W1
B_IN_W2
Table 16. CR#3: Control Register 3
Bit
Default
Name
Description
23÷20
0000
PH1
4 bit phase selection for Buck1:
Phase shift = PH1 * 360 / 16
19÷16
0000
PH2
4 bit phase selection for Buck2:
Phase shift = PH1 * 360 / 16
15÷14
11
DIN_MAP1
Buck1 DIN map (see Table 19)
13÷12
00
DIN_MAP2
Buck2 DIN map (see Table 19)
11÷10
11
BST_REF
Boost Reference Voltage(1)
11: VFB_REF[11]
10: VFB_REF[10]
01: VFB_REF[01]
00: VFB_REF[00]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com