Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 23Page - STMicroelectronics L99LD21 Datasheet HTML 24Page - STMicroelectronics L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics L99LD21 Datasheet HTML 28Page - STMicroelectronics L99LD21 Datasheet HTML 29Page - STMicroelectronics L99LD21 Datasheet HTML 30Page - STMicroelectronics L99LD21 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
DS11130 Rev 5
27/73
L99LD21
Functional description
72
and SR#2<22:21> for Buck2. Thermal warning is also reported in the Global Status Byte
register, and in particular, bit 25 (GW) is set.
If the Tj drops below the temperature warning reset threshold 1 (TW1-TW1_HYS),
respectively TW2 – TW2_HYS, the corresponding status bit is automatically reset.
As long as the Tj does not exceed the over temperature shutdown, the device does not
latches off the buck mosfets, even if a temperature warning is detected.
4.3.2
Overtemperature shutdown
If the junction temperature of one of the buck mosfets rises above the shutdown
temperature TTSD, an overtemperature event (OVT) is detected. The channel is switched off
and the corresponding bit (OVT1 or OVT2) is set in the status register SR#1<5> for Buck1
and SR#2<23> for Buck2.
Overtemperature events are also reported in the Global Status Byte register and in
particular bit 27 FE1 is set.
In normal mode the corresponding buck converter is latched off, until the following
conditions are fulfilled:
1.
TJX drops below the thermal shutdown reset threshold TTSD-TTSD_HYS.
2.
Subsequently the microcontroller sends a read and clear command, in order to reset
OVT1 or OVT2 bit located in the Status register SR#1<5> or SR#2<23>.
In fail safe mode (Limp Home), the device applies an auto restart of the fault buck converter
with a period equal to tAUTORESTART, provided that the TJX falls below TSD reset threshold
(TTSD-TTSD_HYS).
4.3.3
VS under voltage lockout
If the VS supply falls below VS_UV (VS under voltage threshold), the boost controller and the
buck converters will be deactivated, regardless of the SPI control registers or DIN.
This feature is implemented, in order to avoid an operation of the external mosfet of the
boost controller in linear mode, due to a too low gate driver supply.
4.3.4
Buck TON minimum operation
Buck minimum on time operation is detected when the corresponding failure counter counts
N_Ton_min_fail switching cycles (also nonconsecutive), during which ILx_PEAK is reached
between TBLANK_BUCK and TON_MIN_BUCK. In normal mode (Active mode), once minimum
TON operation is validated, flag TON_MIN_OPx is set and the corresponding Buckx converter
is latched off, until the microcontroller sends a frame and clears the corresponding status bit
(SR#1<2> and SR#1<1>).
In fail safe mode (Limp Home), once a minimum TON violation is validated, the
corresponding buck converter is latched off until automatically cleared by an auto-restart
procedure, with a period equal to tAUTORESTART.
The failure counter is not incremented during the startup phase (TSTARTUP). The failure
counter is reset if Nton_min_fail_reset consecutive pulses are detected with TON longer
than TON_MIN_BUCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com