Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 32Page - STMicroelectronics L99LD21 Datasheet HTML 33Page - STMicroelectronics L99LD21 Datasheet HTML 34Page - STMicroelectronics L99LD21 Datasheet HTML 35Page - STMicroelectronics L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics L99LD21 Datasheet HTML 38Page - STMicroelectronics L99LD21 Datasheet HTML 39Page - STMicroelectronics L99LD21 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
SPI functional description
L99LD21
36/73
DS11130 Rev 5
CR#4: Control Register 4
Address:
0x04h
Type:
R/W
9÷7
011
BST_FREQ
Boost Frequency Clock selection bits (see Table 20)
6
0
PWM_SYNC
PWMSYNC:
0: PWM Counter not reset;
1: PWM Counter Reset (note that this bit is automatically reset after
counter reset)
5÷4
00
B_IN_W1
Buck Input Voltage Window for Buck1 (see Table 21)
3÷2
00
B_IN_W2
Buck Input Voltage Window for Buck2 (see Table 21)
1
Set by OTP
(DEF_BSTDIS)
BST_DIS
BST_DIS can be set to 1 only if UNLOCK = 1; in other words, if the µC
tries to set this bit to 1 when UNLOCK = 0 it maintains its previous
value.
BST_DIS can be reset to 0 also when UNLOCK = 0
0: Boost enabled
1: Boost disabled:
For disabling the boost It is necessary to send two distinct SPI frame
as follows:
1st SPI Register write: set UNLOCK bit to 1
2nd SPI Register write: set BST_DIS to 1
0
Parity bit
ODD parity bit check
1.
See Table 2.
Table 16. CR#3: Control Register 3 (continued)
Bit
Default
Name
Description
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
Reserved
Unused
Table 17. CR#4: Control Register 4
Bit
Default
Name
Description
23
0
WD_TRIG
In order to keep device in Active mode, this bit must be cyclically
toggled within a period equal to tWD to refresh the watchdog.
22÷21
00
Reserved
Note: when writing on this register, bit 21 and 22 must be set to 00
20÷1
Unused
0
Parity bit
ODD parity bit check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com