Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 7Page - STMicroelectronics L99LD21 Datasheet HTML 8Page - STMicroelectronics L99LD21 Datasheet HTML 9Page - STMicroelectronics L99LD21 Datasheet HTML 10Page - STMicroelectronics L99LD21 Datasheet HTML 11Page - STMicroelectronics L99LD21 Datasheet HTML 12Page - STMicroelectronics L99LD21 Datasheet HTML 13Page - STMicroelectronics L99LD21 Datasheet HTML 14Page - STMicroelectronics L99LD21 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
DS11130 Rev 5
11/73
L99LD21
Introduction
72
Figure 4. Connection diagram
Table 1. Pin functionality
Pin #
Name
Function
1V3V3
Output of the 3.3 V regulated internal supply. Connect a low ESR
capacitor (4.7 µF) close to this pin.
2
SYNC_I/O
Boost synchronization Input or Output. This pin generates the clock
signal for synchronizing another L99LD21 Boost in dual phase
configuration.
3CSN
Chip Select Not (active low) for SPI communication. It is the selection pin
of the device. It is a CMOS compatible input.
4
PWMCLK
Clock input for the internal PWM dimming generator.
5
SGND
Signal Ground connection.
6
SCK
Serial Clock for SPI communication. It is a CMOS compatible input.
7
VSPI
Connection to external 3.3 V or 5 V supplies voltage.
The external supply powers SPI interface and the I/O signal pins to the
microcontroller. It is suggested to connect 100nF capacitor close to this
pin.
8SDI
Serial Data Input for SPI communication. Data is transferred serially into
the device on SCK rising edge.
9SDO
Serial Data Output for SPI communication. Data is transferred serially
out of the device on SCK falling edge.
10
DIN
Direct input pin.
16
LX2F
Connection to the switching source node of the buck2. This pin must be
connected to external free-wheeling diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com