Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 10Page - STMicroelectronics L99LD21 Datasheet HTML 11Page - STMicroelectronics L99LD21 Datasheet HTML 12Page - STMicroelectronics L99LD21 Datasheet HTML 13Page - STMicroelectronics L99LD21 Datasheet HTML 14Page - STMicroelectronics L99LD21 Datasheet HTML 15Page - STMicroelectronics L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Boost controller
L99LD21
14/73
DS11130 Rev 5
This mode is activated when the voltage on FB pin is higher than the selected internal
reference voltage of a specified threshold value (VFB_OV_ON).
The switching activity is resumed as soon as the voltage on FB pin decreases to the
selected internal reference voltage (VFB_REF[xx]).
In case of FB voltage increases above VFB_OV_ON, an output digital flag, called BST_OVP,
is set.
As soon as feedback voltage decreases down to target value (VFB_REF[xx]), the bit is reset
after tBST_OVP_RST delay time. This delay time is implemented in order to eliminate the
diagnostic ambiguity (toggling of the OVP flag) during permanent no load / light load
operation.
BST_OVP bit is not set in case of boost disabled or boost feedback failure.
2.5
Feedback failure protection
L99LD21 is protected in case of boost controller feedback pin failure. More in detail, a
specific bit, called BST_FB_FAIL, is set in case of feedback pin is shorted to ground.
When this bit is set:
If device is OFF, boost controller does not start;
If device is ON in single phase configuration, boost controller is immediately switched
OFF;
If device is ON in dual phase configuration and it is in Active mode: both boost
controllers are switched off when the failure is recognized on Master side; only Slave
controller is switched off when the failure is recognized on Slave side while the Master
is managed by the microcontroller;
If device is ON in dual phase configuration and it is in Limp Home: both boost
controllers are switched off when the failure is recognized on Master side; only Slave
controller is switched off when the failure is recognized on Slave side, while the Master
is forced to work at minimum duty cycle.
The reset of FB failure bit is demanded to the microcontroller (in Active mode) or to an auto-
restart function (in Limp Home) that cyclically clears this bit with a period equal to
tAUTORESTART.
This bit is not set if L99LD21 internal boost controller is not used (in this case, BST_DIS bit
is set).
If left floating, feedback pin will be pulled up internally. In this case, BST_OVP bit will be set
permanently and boost gate driver will be permanently off. Since the feedback pin voltage is
in any case high, N_PWR_GOOD flag is reset in such condition and shall be ignored.
Note:
Setting this bit doesn't imply any action on buck converters.
2.6
Operation in dual phase interleaved mode
It is possible to combine the boost controllers of two L99LD21, for high power applications,
in dual phase configuration. In this configuration, the switching mosfets of the boost
controllers are driven at 180° out of phase. By sharing the current between two phases, the
conduction losses (which are proportional the square of the conducted current) are reduced
and the efficiency of the boost stage increases, in comparison to a single-phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com