Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 13Page - STMicroelectronics L99LD21 Datasheet HTML 14Page - STMicroelectronics L99LD21 Datasheet HTML 15Page - STMicroelectronics L99LD21 Datasheet HTML 16Page - STMicroelectronics L99LD21 Datasheet HTML 17Page - STMicroelectronics L99LD21 Datasheet HTML 18Page - STMicroelectronics L99LD21 Datasheet HTML 19Page - STMicroelectronics L99LD21 Datasheet HTML 20Page - STMicroelectronics L99LD21 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
DS11130 Rev 5
17/73
L99LD21
Boost controller
72
The buck converters activation depends on device status (see Section 4.1: Operating
modes):
Active mode: in this case, bucks are immediately operative. Their status will depend on
DINMAP register configuration (see Section 4.2.1);
Limp Home:
we have to distinguish two different cases:
Boost Enabled with output voltage higher than 92.5% of final target value. In this
case, buck converters are immediately operative according to DIN_MAP register
configuration;
Boost Disabled or Enabled with output voltage lower than 92.5 % of final target
value. In this case, the buck converters are kept disabled for a specified time delay
(tDELAY) independently from DINMAP status. Once this time elapses, bucks are
operative according to DINMAP register configuration.
On the other hand, when boost and bucks are active and a VS undervoltage fault event
occurs, buck converters are immediately disabled while the boost is kept alive for tDELAY
before being switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com