Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics L99LD21 Datasheet HTML 38Page - STMicroelectronics L99LD21 Datasheet HTML 39Page - STMicroelectronics L99LD21 Datasheet HTML 40Page - STMicroelectronics L99LD21 Datasheet HTML 41Page - STMicroelectronics L99LD21 Datasheet HTML 42Page - STMicroelectronics L99LD21 Datasheet HTML 43Page - STMicroelectronics L99LD21 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
SPI functional description
L99LD21
40/73
DS11130 Rev 5
50
OVT1
Overtemperature for Buck1
(set when Tj ≥ TTSD for more than tOVT);
If this bit is set:
– in Active mode: Buck1 is latched OFF; reset is performed by
a R&C command, which will be successful only if Tj < TTSD -
TTSD_HYS (typ 140 °C). Then Buck1 is allowed to turn on
again.
– in LHM, after setting an OVT1, an auto restart procedure is
implemented: every tAUTORESTART OVT1 bit is automatically
cleared and, if Tj < TTSD - TTSD_HYS, then Buck1 is allowed
to turn on again, otherwise OVT1 bit is set again.
R/C
40
TW12
Thermal warning 2 for Buck1.
This bit is set if Tj ≥ TW2.
This is a read only and real time bit.
When Buck1 temperature decreases under a second threshold
(Tj < TW2 - TW2_HYS), this bit is cleared.
R
30
TW11
Thermal warning 1 for Buck1.
This bit is set if Tj ≥ TW1
This is a read only and real time bit.
When Buck1 temperature decreases under a second threshold
(TW1 - TW1_HYS), this bit is cleared.
R
2
0
TON_MIN_OP1
Operation at minimum on-time for Buck1.
This bit is set when Buck1 runs at an on-time shorter than
tON_MIN_BUCK for more than 32 (even not consecutive) cycles.
When TON_MIN_OP1 = 1, Buck1 is disabled until a read and
clear command of this bit has been acknowledged.
In LHM, an auto restart procedure cyclically clears this bit with
a period equal to tAUTORESTART.
R/C
1
0
TON_MIN_OP2
Operation at minimum on-time for Buck2.
This bit is set when Buck2 runs at an on-time shorter than
tON_MIN_BUCK for more than 32 (even not consecutive) cycles.
When TON_MIN_OP2 = 1, Buck2 is disabled until a read and
clear command of this bit has been acknowledged.
R/C
0
Parity Bit
ODD parity bit check
Table 22. SR#1: Status Register 1 (continued)
Bit
Default
Name
Description
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com