Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 39Page - STMicroelectronics L99LD21 Datasheet HTML 40Page - STMicroelectronics L99LD21 Datasheet HTML 41Page - STMicroelectronics L99LD21 Datasheet HTML 42Page - STMicroelectronics L99LD21 Datasheet HTML 43Page - STMicroelectronics L99LD21 Datasheet HTML 44Page - STMicroelectronics L99LD21 Datasheet HTML 45Page - STMicroelectronics L99LD21 Datasheet HTML 46Page - STMicroelectronics L99LD21 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
DS11130 Rev 5
43/73
L99LD21
SPI functional description
72
6
0
BST_FB_FAIL
Boost feedback pin failure.
This bit is set when FB pin is shorted to ground.
When this bit is set:
– if Boost is in off-state, then it will not be allowed to start up;
– if Boost is in on-state, then it will immediately switched OFF;
– in both cases, no clock is delivered through SYNC_IO pin;
– in addiction, in Limp Home mode COMP pin will be pulled
down.
If BST_DIS = 1, BST_FB_FAIL bit will not be set.
When BST_FB_FAIL = 1, Boost is disabled until a read and
clear command of this bit has been acknowledged.
In LHM, an auto restart procedure cyclically clears
BST_FB_FAIL bit with a period equal to tAUTORESTART.
R/C
5
0
DIN_ST
Direct input status bit.
Filtered replica of logical level at DIN pin.
Filtering time is equal to tDIN_ST.
R
4÷1
0000
Unused
0
Parity Bit
ODD Parity Bit Check
Table 23. SR#2: Status Register 2 (continued)
Bit
Default
Name
Description
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com