Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 48Page - STMicroelectronics L99LD21 Datasheet HTML 49Page - STMicroelectronics L99LD21 Datasheet HTML 50Page - STMicroelectronics L99LD21 Datasheet HTML 51Page - STMicroelectronics L99LD21 Datasheet HTML 52Page - STMicroelectronics L99LD21 Datasheet HTML 53Page - STMicroelectronics L99LD21 Datasheet HTML 54Page - STMicroelectronics L99LD21 Datasheet HTML 55Page - STMicroelectronics L99LD21 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
Electrical specifications
L99LD21
52/73
DS11130 Rev 5
6.2
ESD protection
6.3
Thermal characteristics
Table 32. ESD protection
Parameter
Value
Unit
All pins(1)
1.
HBM (human body model, 100 pF, 1.5 k
Ω) according to MIL 883C, Method 3015.7 or EIA/JESD22A114-A.
±2
kV
All output pins(2)
2.
HBM with all none zapped pins grounded, output pins are VS, DIN, VLED1, VLED2.
±4
kV
All pins (Charge Device Model)
±500
V
Corner pins (Charge Device Model)
±750
V
Table 33. QFN40L 6x6 thermal resistance
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-amb
(1)
1.
Device mounted on four layers 2s2p PCB (thermally enhanced, slug included).
Thermal resistance junction to ambient (JEDEC JESD 51-2)
32
°C/W
Rthj-board Thermal resistance junction to board (JEDEC JESD 51-8)
11
°C/W
Rthj-case Junction-to-case thermal resistance
7.2
°C/W
Table 34. Thermal characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TJ_OP
Operating junction temperature
-40
150
°C
TW1
Junction temperature warning 1
120
130
140
°C
TW1_HYS
Temperature warning 1 hysteresis
30
°C
TW2
Junction temperature warning 2
130
140
150
°C
TW2_HYS
Temperature warning 2 hysteresis
10
°C
TTSD
Junction thermal shutdown
155
165
175
°C
TTSD_HYS
Junction thermal shutdown hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com