Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 61Page - STMicroelectronics L99LD21 Datasheet HTML 62Page - STMicroelectronics L99LD21 Datasheet HTML 63Page - STMicroelectronics L99LD21 Datasheet HTML 64Page - STMicroelectronics L99LD21 Datasheet HTML 65Page - STMicroelectronics L99LD21 Datasheet HTML 66Page - STMicroelectronics L99LD21 Datasheet HTML 67Page - STMicroelectronics L99LD21 Datasheet HTML 68Page - STMicroelectronics L99LD21 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
DS11130 Rev 5
65/73
L99LD21
Electrical specifications
72
6.4.7
Digital timings
Table 46. Digital timings description
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tWD
Watchdog timeout
period
45
50
55
ms
tCSN_TIMEOUT
CSN timeout
90
115
140
ms
tAUTORESTART
Autorestart time in limp
home mode
45
50
55
ms
tVS,UV
VS undervoltage filter
time
32
µs
tDIN_FT
(1)
DIN Filter time
32
µs
tDIN_ST
DIN status information
time
12.8
µs
tSKEW
Timing skew for DIN
2.5
µs
tVSPI_FT
VSPI Filtering Time
32
µs
tWAKE_UP
Time for a complete
wake up (V3V3 >
VPOR_L)
CSN low or DIN high for
t > tWAKEUP
Cap on V3V3 = 4.7 µF
V3V3 > 3 V
190
µs
tSTDBY
Time needed for a
transition to standby
mode (V3V3 < VPOR_L)
DIN low
Cap on V3V3 = 4.7 µF
V3V3 < 2.5 V
1.6
ms
tOVT
Filtering time for
overtemperature (OVT
bit will be set if Tj >
TTSD for more than
tOVT)
guaranteed by
frequency oscillator
(20 MHz typical) and
scan
1.2
µs
tBST_OVP
BST_OVP flag set
filtering time
32
µs
tBST_OVP_RST
BST_OVP flag reset
filtering time
10
ms
tBOOST_FB_FAIL
BST_FB_FAIL flag set
filtering time
1.6
µs
1.
Digital timings guaranteed by scan. WD and autorestart timings limits added to give indication on application cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com