Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics L99LD21 Datasheet HTML 28Page - STMicroelectronics L99LD21 Datasheet HTML 29Page - STMicroelectronics L99LD21 Datasheet HTML 30Page - STMicroelectronics L99LD21 Datasheet HTML 31Page - STMicroelectronics L99LD21 Datasheet HTML 32Page - STMicroelectronics L99LD21 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
DS11130 Rev 5
29/73
L99LD21
SPI functional description
72
5
SPI functional description
5.1
SPI protocol
ST-SPI is a standard used in ST automotive ASSP devices. SPI protocol standardization
here described defines a common structure of the communication frames and defines
specific addresses for product and status information.
The ST-SPI will allow usage of generic software to operate the devices while maintaining
the required flexibility to adapt it to the individual functionality of a particular product. In
addition to that, fail safe mechanisms are implemented to protect the communication from
external influence and wrong or unwanted usage.
5.2
SPI communication
At the beginning of each communication the master can read the content of the <SPI Mode>
register (ROM address 10h) of the slave device. This 8 bit register indicates the SPI frame
length (32 bit) and the availability of additional features.
Each communication frame consists of a command byte which is followed by 3 data bytes.
The data returned on SDO within the same frame always starts with the <Global Status
Byte>. It provides general status information about the device. It is followed by 3 data bytes
(i.e. “in-frame-response”).
For write cycles the <Global Status Byte> is followed by the previous content of the
addressed register.
Table 5. Command byte (8 bit)
Operating code
Address
Bit
313029
2827
26
2524
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 6. Data byte 2
Data byte 2
Bit
2322212019181716
Name
D23
D22
D21
D20
D19
D18
D17
D16
Table 7. Data byte 1
Data byte 1
Bit
15141312
11
10
9
8
Name
D15
D14
D13
D12
D11
D10
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com