Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 30Page - STMicroelectronics L99LD21 Datasheet HTML 31Page - STMicroelectronics L99LD21 Datasheet HTML 32Page - STMicroelectronics L99LD21 Datasheet HTML 33Page - STMicroelectronics L99LD21 Datasheet HTML 34Page - STMicroelectronics L99LD21 Datasheet HTML 35Page - STMicroelectronics L99LD21 Datasheet HTML 36Page - STMicroelectronics L99LD21 Datasheet HTML 37Page - STMicroelectronics L99LD21 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
SPI functional description
L99LD21
34/73
DS11130 Rev 5
CR#2: Control Register 2
Address:
0x02h
Type:
R/W
1
0
UNLOCK
[0]: bits GOSTBY, EN and BST_DIS cannot be set to 1
[1]: bits GOSTBY, EN and BST_DIS can be set to 1 with the next SPI
frame
If UNLOCK = 1, then it is always automatically reset with the next valid
SPI frame
0
Parity bit
ODD parity bit check
Table 14. CR#1: Control Register 1 (continued)
Bit
Default
Name
Description
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
543210
IL1_PEAK
IL2_PEAK
VLED_TOFF1
VLED_TOFF2
EN
MS
Table 15. CR#2: Control Register 2
Bit
Default
Name
Description
23÷18
Set by OTP
(see Table 29)
IL1_PEAK
Inductor Peak Current selection bits for Buck1
17÷12
100000
IL2_PEAK
Inductor Peak Current selection bits for Buck2
11÷8
Set by OTP
(see Table 30)
VLED_TOFF1
Constant VLEDxTOFF Selection bits for Buck1:
0000: 10 V*µs;
1111: 72 V*µs; see Table 18
7÷4
1111
VLED_TOFF2
Constant VLEDxTOFF Selection bits for Buck2:
0000: 10 V*µs;
1111: 72 V*µs; see Table 18
3
0
GOSTBY
Standby Mode Bit:
0: Device waked up
1: Standby (if EN = 0)
GOSTBY can be set to 1 only if UNLOCK = 1; in other words, trying to
set this bit to 1 when UNLOCK = 0 will have no effects and it will
maintain its previous value.
GOSTBY can be reset to 0 also when UNLOCK = 0.
To set Standby mode it is necessary to send two consecutive SPI
frames, as follows:
1st SPI write operation to set UNLOCK bit to 1 (CR#1, bit1)
2nd SPI write operation to set GOSTBY bit to 1 and EN bit to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com