Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 51Page - STMicroelectronics L99LD21 Datasheet HTML 52Page - STMicroelectronics L99LD21 Datasheet HTML 53Page - STMicroelectronics L99LD21 Datasheet HTML 54Page - STMicroelectronics L99LD21 Datasheet HTML 55Page - STMicroelectronics L99LD21 Datasheet HTML 56Page - STMicroelectronics L99LD21 Datasheet HTML 57Page - STMicroelectronics L99LD21 Datasheet HTML 58Page - STMicroelectronics L99LD21 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
DS11130 Rev 5
55/73
L99LD21
Electrical specifications
72
GM
Error amplifier trans
conductance gain
VFB - VFB_REF[11] = ±35 mV;
VCOMP = 1.5 V; VS = 13 V;
IOUT = ±20 µA
570
µ
Ω-1
ICOMP
Trans conductance amplifier
Output current
Sourcing into COMP pin;
VFB = 3.3 V; VS = 13 V
110
µA
Sinking from COMP pin;
VFB = 0 V; VS = 13 V
-110
µA
GLA
Gain of linear amplifier
VS = 13 V; VSP = 250 mV;
VSN = 0 V
4.25
V/V
ISLOPE
Slope compensation current
value injected to SP pin
20
A/s
Table 37. Boost controller (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 38. Boost controller reference voltage
Symbol
Parameter
BOOSTREF [1:0]
Min
Typ
Max
Unit
VFB_REF[00]
Boost feedback reference
voltage
[0,0]
0.596
V
VFB_REF[01]
[0,1]
0.895
V
VFB_REF[10]
[1,0]
1.242
V
VFB_REF[11]
[1,1]
1.496
V
VFB_REF_ACC
Boost feedback reference
voltage accuracy
all configuration
-2
2
%
VFB_OV_ON
Boost OV activation
threshold
[1,1]
Typ-3%
1.03 * VFB_REF[11]
Typ+3%
V
[x,x]
1.05 * VFB_REF[xx]
(1)
VFB_OV_OFF
Boost OV de-activation
threshold
[x,x]
VFB_REF[xx]
V
VBST_FB_FAIL_TH
Boost feedback pin failure -
threshold
Ramp on FB pin
from 1 V down to 0 V
90
130
mV
1.
“xx”<> “11”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com