Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 45Page - STMicroelectronics L99LD21 Datasheet HTML 46Page - STMicroelectronics L99LD21 Datasheet HTML 47Page - STMicroelectronics L99LD21 Datasheet HTML 48Page - STMicroelectronics L99LD21 Datasheet HTML 49Page - STMicroelectronics L99LD21 Datasheet HTML 50Page - STMicroelectronics L99LD21 Datasheet HTML 51Page - STMicroelectronics L99LD21 Datasheet HTML 52Page - STMicroelectronics L99LD21 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
DS11130 Rev 5
49/73
L99LD21
SPI functional description
72
Margin Mode
(load)
In this step, antifuses are compared
with a lower resistance than the
standard one - to be sure selected bits
are properly burned. Their content is
loaded into CTM register.
Send an SPI write to
CTM
00 111110 010
000000000000000000000
Margin Mode
(read)
During previous step, the result of MM
Read is loaded into the most
significant 16 bits of each
corresponding trimming register. A
read operation is required to read this
result.
Send an SPI read for
customer trimming
register and analyze
the SDO frame
received from device
01 111110 000
000000000000000000001
Margin Mode
(decision)
A decision must be taken, based on
the previous result. If antifuses were
not correctly burned after three steps,
then device must be discarded,
otherwise the flow can proceed.
If the answer to SPI
read operation is
different from:
xxxxxxxx
[ctmd]100000000000
x, then device must
be discarded.
Last bit depends on
odd parity check.
-
Final Blank
Check
(load)
In this step, antifuses are compared
with a higher resistance than the
standard one - to be sure unselected
bits are really unburned. Their content
is loaded in CTM register.
Send an SPI write to
CTM
00 111110 011
000000000000000000000
Final Blank
Check
(read)
During previous step, the result of
Blank Check Read is loaded into bits
(20÷13) of CTM register. A read
operation is required for each of them
to read this result.
Send an SPI read for
customer trimming
register and analyze
the SDO frame
received from device
01 111110 000
000000000000000000001
Final Blank
Check
(decision)
A decision must be taken, based on
the previous result. If antifuses were
damaged, device must be discarded,
otherwise the flow can proceed.
If the answer to SPI
read operation
operation is different
from: xxxxxxxx
[ctmd]100000000000
x, then device must
be discarded.
Last bit depends on
odd parity check.
-
Table 28. Testing procedure description (continued)
Step
Description
Action
SPI Frames (binary, unless
otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com