Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD21 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 21Page - STMicroelectronics L99LD21 Datasheet HTML 22Page - STMicroelectronics L99LD21 Datasheet HTML 23Page - STMicroelectronics L99LD21 Datasheet HTML 24Page - STMicroelectronics L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics L99LD21 Datasheet HTML 28Page - STMicroelectronics L99LD21 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
DS11130 Rev 5
25/73
L99LD21
Functional description
72
4.2
Programmable functions
4.2.1
Activation of the buck output
In Active mode, the activation of the Buck converters is performed according to the
configuration of control register CR#3<15:14> for Buck1 and CR#3<13:12> for Buck2, as
showed in the following table. See Table 16: CR#3: Control Register 3.
4.2.2
PWM dimming
The device allows modifying the brightness of the LEDs string simply managing the average
current.
Reset mode
– By default, when device leaves Standby mode
– Under following condition, when device is in
Active mode:
VSPI Under voltage
WD failure;
One SPI frame setting (EN,GOSTBY) = (0,0)
Two consecutive SPI frames setting:
UNLOCK = 1
(EN,GOSTBY) = (1,1)
Automatic transition after
400 ns
– All registers reset to
default values
– V3V3>VPOR
– SPI inactive
Limp Home 400 ns after Reset mode
– SPI sequence to enter
Active mode:
UNLOCK = 1
(EN,GOSTBY) = (1,0)
– SPI sequence to enter
Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
– Boost controller is
active
– DIN access enabled:
Buck1 is according to
DIN;
Buck2 is OFF
– SPI active
Active
mode
SPI sequence:
– UNLOCK = 1
– EN = 1 and GOSTBY = 0
–VSPI undervoltage
–WD failure
– SPI sequence to enter
Standby mode:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
– Boost controller is
active
– Buck converters are
active
– SPI is active
Table 3. Operating modes (continued)
Operating
mode
Entering conditions
Leaving condition
Characteristics
Table 4. DIN pin Map for Buck1 and Buck2
CR#3<15> or CR#3<13>
CR#3<14> or CR#3<12>
Buck1 and Buck2 status
0
0
Buckx always OFF (default for Buck2)
01
Buckx attached to internal PWM
generator
1
0
Buckx always ON
11
Buckx controlled by DIN Input (default
for Buck1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com