Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
User EPROM
General Release Specification
MC68HC705E5 — Rev. 1.0
User EPROM
13.4 Programming Register
This register is used to program the EPROM array. Only the LATCH and
EPGM bits are available in user mode. To program a byte of EPROM,
set LATCH, write data to the desired address, then set EPGM for tEPGM.
LATCH — EPROM Latch Control
READ:
Any time
WRITE: Any time
0 = EPROM address and data bus configured for normal reads
1 = EPROM address and data bus configured for programming.
Causes address and data bus to be latched when a write to
EPROM is done. EPROM cannot be read if LATCH = 1.
EPGM — EPROM Program Control
READ:
Any time
WRITE: Cleared any time, set only if LATCH = 1
0 = Programming power switched off the EPROM array
1 = Programming power switched on to the EPROM array. If
LATCH = 0, then EPGM is cleared automatically. EPGM
cannot be set if LATCH is not set. LATCH and EPGM cannot
both be set on the same write.
Address:
$0011
Bit 7
654321
Bit 0
Read:
—————
LATCH
0
EPGM
Write:
Reset:
00001000
Figure 13-4. Programming Register (PROG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com